Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC3508A Datasheet(PDF) 2 Page - International Rectifier

Part # GBPC3508A
Description  SINGLE PHASE BRIDGE Power Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GBPC3508A Datasheet(HTML) 2 Page - International Rectifier

  GBPC3508A Datasheet HTML 1Page - International Rectifier GBPC3508A Datasheet HTML 2Page - International Rectifier GBPC3508A Datasheet HTML 3Page - International Rectifier GBPC3508A Datasheet HTML 4Page - International Rectifier GBPC3508A Datasheet HTML 5Page - International Rectifier GBPC3508A Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GBPC.. Series
2
Bulletin I27505 rev. F 03/03
www.irf.com
I
O
Maximum DC output current
25
35
A
Resistive or inductive load
20
28
A
Capacitive load
@ Case temperature
60
55
°C
I
FSM
Maximum peak, one-cycle
400
475
A
t = 10ms
No voltage
Initial T
J
=T
J
max.
non-repetitive forward current
420
500
t = 8.3ms
reapplied
335
400
t = 10ms
100% V
RRM
350
420
t = 8.3ms
reapplied
I2t
Maximum I2t for fusing
790
1130
A2s
t = 10ms
No voltage
725
1030
t = 8.3ms
reapplied
560
800
t = 10ms
100% V
RRM
512
730
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
7.9
11.3
KA2
√sI2t for time t
x
= I2
√t x √t
x
;
0.1
≤ t
x ≤ 10ms, VRRM = 0V
V
F(TO)1
Low-level of threshold voltage
0.76
0.77
V
(16.7% x
πxI
F(AV)
< I <
πxI
F(AV)
), @ T
J
max.
V
F(TO)2
High-level of threshold voltage
0.89
0.92
(I >
π x I
F(AV)), @ TJ max.
r
t1
Low-level forward slope resistance
8.2
4.852
m
(16.7% x
πxI
F(AV)
< I <
πxI
F(AV)
), @ T
J
max.
r
t2
High-level forward slope resistance
6.8
3.867
(I >
π x I
F(AV)), @ TJ max.
V
FM
Maximum forward voltage drop
1.1
1.1
V
T
J
= 25 oC, I
FM
= IFavg (arm)
IRRM
Max. DC reverse current
5.0
5.0
µAT
J
= 25 oC, per diode at VRRM
VINS
RMS isolation voltage base plate
2700
2700
V
f = 50 Hz, t = 1s
Forward Conduction
Voltage
V
RRM
, max repetitive
V
RSM
, max non-repetitive
I
RRM
max.
I
RRM
max.
Type number
Code
peak AC rev. voltage
peak AC rev. voltage
@ rated V
RRM
D.C. rev. curr.
T
J
= T
J
max.
T
J
= T
J
max.
T
J
= T
J
max.
@ T= 125°C
V
V
mA
(µA)
02
200
275
2
500
GBPC25/35..A
04
400
500
2
500
GBPC25/35..W
06
600
725
2
500
(*)
08
800
900
2
500
10
1000
1100
2
500
12
1200
1300
2
500
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Parameters
GBPC25
GBPC35
Units Conditions
(*) please see Ordering Information Table - page 3


Similar Part No. - GBPC3508A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GBPC3508A ETC2-GBPC3508A Datasheet
152Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Inchange Semiconductor ...
GBPC3508A ISC-GBPC3508A Datasheet
312Kb / 3P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBPC3508A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MB140 IRF-26MB140 Datasheet
46Kb / 6P
   SINGLE PHASE BRIDGE Power Modules
logo
Microsemi Corporation
MT200 MICROSEMI-MT200 Datasheet
73Kb / 2P
   SINGLE PHASE BRIDGE MODULES
EH60 MICROSEMI-EH60 Datasheet
80Kb / 2P
   SINGLE PHASE BRIDGE MODULES
logo
Sirectifier Semiconduct...
S1PDB174 SIRECTIFIER-S1PDB174 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB72NXX SIRECTIFIER-S1PDB72NXX Datasheet
96Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB52 SIRECTIFIER-S1PDB52 Datasheet
64Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB72 SIRECTIFIER-S1PDB72 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB122 SIRECTIFIER-S1PDB122 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB60NXX SIRECTIFIER-S1PDB60NXX Datasheet
83Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB174NXX SIRECTIFIER-S1PDB174NXX Datasheet
87Kb / 2P
   Single Phase Bridge Rectifiers Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com