Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG904BRU-500RL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG904BRU-500RL7
Description  Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG904BRU-500RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG904BRU-500RL7 Datasheet HTML 7Page - Analog Devices ADG904BRU-500RL7 Datasheet HTML 8Page - Analog Devices ADG904BRU-500RL7 Datasheet HTML 9Page - Analog Devices ADG904BRU-500RL7 Datasheet HTML 10Page - Analog Devices ADG904BRU-500RL7 Datasheet HTML 11Page - Analog Devices ADG904BRU-500RL7 Datasheet HTML 12Page - Analog Devices ADG904BRU-500RL7 Datasheet HTML 13Page - Analog Devices ADG904BRU-500RL7 Datasheet HTML 14Page - Analog Devices ADG904BRU-500RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG904/ADG904-R
Rev. 0 | Page 11 of 16
APPLICATIONS
The ADG904/ADG904-R are ideal solutions for low power,
high frequency applications. The low insertion loss, high
isolation between ports, low distortion, and low current
consumption of these parts make them excellent solutions for
many high frequency switching applications. They may be used
in applications such as switchable filters, transmitters and
receivers for radar systems, and communication systems from
base stations to cell phones.
The ADG9xx wideband switches are designed to meet the
demands of devices transmitting at ISM band frequencies to
1 GHz and higher. The low insertion loss, high isolation
between ports, single pin control interface, no requirement for
dc blocking capacitors, and TTL interface compatibility make
them cost effective and easy to integrate switching solutions for
many high frequency switching applications and low power
applications where the parts can handle up to 16 dBm of power.
ABSORPTIVE VS. REFLECTIVE
The ADG904 is an absorptive (matched) switch with 50 Ω
terminated shunt legs; the ADG904-R is a reflective switch with
0 Ω terminated shunts to ground. The ADG904 absorptive
switch has a good VSWR on each port, regardless of the switch
mode. An absorptive switch should be used when there is a
need for a good VSWR that is looking into the port but not
passing the through signal to the common port. The ADG904 is
therefore ideal for applications that require minimum
reflections back to the RF source. It also ensures that the
maximum power is transferred to the load.
The ADG904-R reflective switch is suitable for applications
where high off port VSWR does not matter and the switch has
some other desired performance feature. It can be used in many
applications, including high speed filter selection. In most cases,
an absorptive switch can be used instead of a reflective switch,
but not vice versa.
ANTENNA DIVERSITY SWITCH
The ADG904 is ideal for use as an antenna diversity switch,
switching in different antennas to the tuner. The low insertion
loss ensures minimum signal loss and high isolation between
channels, making these SP4T switches suitable for switching
applications in tuner modules and set-top boxes.
TUNER
ADG904
CABLE
RF1
RF2
RF3
RF4
VGA
ANTENNA
Figure 26. Tuner Modules
FILTER SELECTION
The ADG904 can be used to switch high frequency signals
between different filters, and to multiplex the signal to the
output. These SP4T switches are also ideal for high speed signal
routing.
RFOUT
RFC
ADG904
ADG904
RF1
RF2
RF3
RF4
RF1
RF2
RF3
RF4
RFIN
RFC
Figure 27. Filter Selection
Tx/Rx SWITCHING
The low insertion loss and high isolation between ports ensures
that the ADG904/ADG904-R is a suitable transmit/receive
switch for all ISM band and WirelessLAN, providing the
required isolation between the transmit and receive signals.
ADG904
Tx
Rx
Rx
Rx
Rx
ANTENNA
Figure 28. Tx/Rx Switching


Similar Part No. - ADG904BRU-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG904BRUZ AD-ADG904BRUZ Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
ADG904BRUZ-R AD-ADG904BRUZ-R Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
ADG904BRUZ-REEL7 AD-ADG904BRUZ-REEL7 Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
More results

Similar Description - ADG904BRU-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG904BRUZ AD-ADG904BRUZ Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
ADG918 AD-ADG918 Datasheet
120Kb / 4P
   Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
REV. PrC Sept 2002
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com