Electronic Components Datasheet Search |
|
AP2012SYCK Datasheet(PDF) 2 Page - Kingbright Corporation |
|
AP2012SYCK Datasheet(HTML) 2 Page - Kingbright Corporation |
2 / 4 page SPEC NO: DSAD0940 REV NO: V.5 DATE: MAR/18/2005 PAGE: 2 OF 4 APPROVED: J. Lu CHECKED: Allen Liu DRAWN: Y.W.WANG ERP: 1203000196 Selection Guide Note: 1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. Part No. Dice Lens Type Iv (mcd) @ 20mA Viewing Angle Min. Typ. 2 θθθθ1/2 AP2012SYCK SUPER BRIGHT YELLOW (InGaAIP) WATER CLEAR 18 120 120 ° Electrical / Optical Characteristics at TA=25°C Absolute Maximum Ratings at TA=25°C Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Parameter Super Bright Yellow Units Power dissipation 125 mW DC Forward Current 30 mA Peak Forward Current [1] 175 mA Reverse Voltage 5 V Operating / Storage Temperature -40°C To +85°C Symbol Parameter Device Typ. Max. Test Conditions Units λpeak Peak Wavelength Super Bright Yellow 590 nm IF=20mA λD Dominant Wavelength Super Bright Yellow 590 nm IF=20mA ∆λ1/2 Spectral Line Half-width Super Bright Yellow 20 nm IF=20mA C Capacitance Super Bright Yellow 20 pF VF=0V;f=1MHz VF Forward Voltage Super Bright Yellow 2.0 2.5 V IF=20mA IR Reverse Current Super Bright Yellow 10 uA VR = 5V |
Similar Part No. - AP2012SYCK |
|
Similar Description - AP2012SYCK |