Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APDS9002 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # APDS9002
Description  Miniature Surface-Mount Ambient Light Photo Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

APDS9002 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  APDS9002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) APDS9002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) APDS9002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) APDS9002 Datasheet HTML 4Page - Agilent(Hewlett-Packard) APDS9002 Datasheet HTML 5Page - Agilent(Hewlett-Packard) APDS9002 Datasheet HTML 6Page - Agilent(Hewlett-Packard) APDS9002 Datasheet HTML 7Page - Agilent(Hewlett-Packard) APDS9002 Datasheet HTML 8Page - Agilent(Hewlett-Packard) APDS9002 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Figure 3. Photocurrent vs. luminence
(VCC = 3 V, TA = 25°C).
Figure 4. Normalized photocurrent vs.
temperature (VCC = 3 V, 100 LUX).
Figure 5. Normalized photocurrent vs. angle
(VCC = 3 V, TA = 25°C).
Figure 6. Output voltage vs. luminance at
different load resistor.
Figure 7. Fall time vs. RLOAD.
Figure 8. Rise time vs. RLOAD.
LUX
0.01
0.001
0.0001
0.00001
10
100
1000
Incandescent
Fluorescent
TEMPERATURE (
°C)
2.5
1.5
2.0
1.0
0
-50
0
50
100
Normalized
Photocurrent
0.5
ANGLE
1.2
1.0
0
-80 -60 -40 -20
0
20
40
60
80
Normalized
Photocurrent
0.2
0.4
0.6
0.8
RLOAD (W)
000.0E+0
200.0E-6
400.0E-6
600.0E-6
800.0E-6
1.0E-3
1.2E-3
1.4E-3
500
0
1000
1500
2000
2500
AVERAGE
RLOAD (W)
000.0E+0
200.0E-6
400.0E-6
600.0E-6
800.0E-6
1.0E-3
1.2E-3
1.6E-3
1.4E-3
1.8E-3
500
0
1000
1500
2000
2500
AVERAGE
LUMINANCE, Ev (LUX)
10
1
0.01
0.001
10
100
1000
0.1
R = 1 kW
R = 5.1 kW
R = 11 kW
R = 51 kW
TA = 25°C
VCC = 3 V
LIGHT SOURCE: WHITE LED


Similar Part No. - APDS9002

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS9002 AVAGO-APDS9002 Datasheet
146Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results

Similar Description - APDS9002

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9008 AVAGO-APDS-9008_09 Datasheet
354Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9008 BOARDCOM-APDS-9008 Datasheet
403Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9005 AVAGO-APDS-9005 Datasheet
685Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9006-020 AVAGO-APDS-9006-020 Datasheet
706Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9006 BOARDCOM-APDS-9006 Datasheet
720Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002 AVAGO-APDS-9002_12 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
HSDL9000 HP-HSDL9000 Datasheet
270Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9004 AVAGO-APDS-9004 Datasheet
316Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9002 AVAGO-APDS-9002 Datasheet
146Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9009 AVAGO-APDS-9009 Datasheet
696Kb / 10P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com