Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1518K5A Datasheet(PDF) 6 Page - Anachip Corp

Part # AP1518K5A
Description  300KHz, 3A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1518K5A Datasheet(HTML) 6 Page - Anachip Corp

Back Button AP1518K5A Datasheet HTML 2Page - Anachip Corp AP1518K5A Datasheet HTML 3Page - Anachip Corp AP1518K5A Datasheet HTML 4Page - Anachip Corp AP1518K5A Datasheet HTML 5Page - Anachip Corp AP1518K5A Datasheet HTML 6Page - Anachip Corp AP1518K5A Datasheet HTML 7Page - Anachip Corp AP1518K5A Datasheet HTML 8Page - Anachip Corp AP1518K5A Datasheet HTML 9Page - Anachip Corp AP1518K5A Datasheet HTML 10Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AP1518
300KHz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Oct 29, 2004
6/12
Typical Performance Characteristics (Continued)
AP1518 Threshold Voltage v.s. Temperature
(Vcc=12V , Io=100mA)
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
-50 -30 -10 10 30507090 110 130 150
Temperature (TA) (°C)
AP1518 ON/OFF Current v.s. ON/OFF Voltage
(Vin=12V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
3
6
9
12
15
18
21
ON/OFF Voltage (V)
AP1518 Frequency v.s. Temperature
(Vcc=12V , Io=500mA ,Vout=5V)
260
270
280
290
300
310
320
-50 -30 -10 10 30 50 70 90 110 130 150
Temperature (TA) (°C)
AP1518 Feedback Current v.s. Temperature
(Vcc=12V , Vout=5V,Vfb=0.8V)
-50
-40
-30
-20
-10
0
10
-50 -30 -10 10 30 50 70 90 110 130 150
Temperature (TA) (°C)
AP1518 Output Voltage v.s. Temperature
(Vin=12V ,Io=3A)
2.9
2.95
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
-40 -20
0
20406080 100 120 140 160
Temperature (TA) (°C)


Similar Part No. - AP1518K5A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1510 ANACHIP-AP1510 Datasheet
179Kb / 7P
   PWM Control 3A Step-Down Converter
logo
Diodes Incorporated
AP1510 DIODES-AP1510 Datasheet
264Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 1
AP1510 DIODES-AP1510 Datasheet
270Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
AP1510 DIODES-AP1510 Datasheet
572Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 DIODES-AP1510 Datasheet
567Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
Rev. 8 - 2 December 2017
More results

Similar Description - AP1518K5A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1503 ANACHIP-AP1503 Datasheet
151Kb / 5P
   300Khz, 2.5A PWM Buck DC/DC Converter
AP1519 ANACHIP-AP1519 Datasheet
172Kb / 9P
   300KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com