Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1518K5A Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1518K5A
Description  300KHz, 3A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1518K5A Datasheet(HTML) 1 Page - Anachip Corp

  AP1518K5A Datasheet HTML 1Page - Anachip Corp AP1518K5A Datasheet HTML 2Page - Anachip Corp AP1518K5A Datasheet HTML 3Page - Anachip Corp AP1518K5A Datasheet HTML 4Page - Anachip Corp AP1518K5A Datasheet HTML 5Page - Anachip Corp AP1518K5A Datasheet HTML 6Page - Anachip Corp AP1518K5A Datasheet HTML 7Page - Anachip Corp AP1518K5A Datasheet HTML 8Page - Anachip Corp AP1518K5A Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP1518
300KHz, 3A PWM Buck DC/DC Converter
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.1 Oct 29, 2004
1/12
Features
- Adjustable version output voltage range, 0.8V to
18V+4%
- 300KHz +15% fixed switching frequency
- Voltage mode non-synchronous PWM control
- Thermal-shutdown and current-limit protection
-
ON /OFF shutdown control input
- Operating voltage can be up to 22V
- Output load current: 3A
- TO220-5L and TO263-5L Pb-Free packages
- Low power standby mode
- Built-in switching transistor on chip
Applications
- Simple High-efficiency step-down regulator
- On-card switching regulators
- Positive to negative converter
General Description
The AP1518 series are monolithic IC designed for a
step-down DC/DC converter, and own the ability of
driving a 3A load without external transistor. Due to
reducing the number of external component, the
board space can be saved easily. The external
shutdown function can be controlled by logic level
and then come into standby mode. The internal
compensation makes feedback control have good
line and load regulation without external design.
Regarding protected function, thermal shutdown is
to prevent over temperature operating from damage,
and current limit is to prevent over current operating
of the output switch.
If current limit function
occurred and VFB is down to 0.5V below, the
switching frequency will be reduced. The AP1518
series operate at a switching frequency of 300KHz
thus allowing smaller sized filter components than
what would be needed with lower frequency
switching regulators. Other features include a
guaranteed +4% tolerance on output voltage under
specified input voltage and output load conditions,
and +15% on the oscillator frequency. The
packages are available in a standard 5-lead
TO-220 package or a 5-lead TO-263.
Pin Assignments
TO220-5L
( Top View )
( Top View )
TO263-5L
1 V
IN
5 SD
4 FB
3 Gnd
2 Output
Metal Tab GND
1 V
IN
5 SD
4 FB
3 Gnd
2 Output
Pin Descriptions
Name
Description
VIN
Operating voltage input
Output
Switching output
GND
Ground
FB
Output voltage feedback control
SD
ON
/OFF Shutdown


Similar Part No. - AP1518K5A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1510 ANACHIP-AP1510 Datasheet
179Kb / 7P
   PWM Control 3A Step-Down Converter
logo
Diodes Incorporated
AP1510 DIODES-AP1510 Datasheet
264Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 1
AP1510 DIODES-AP1510 Datasheet
270Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
AP1510 DIODES-AP1510 Datasheet
572Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 DIODES-AP1510 Datasheet
567Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
Rev. 8 - 2 December 2017
More results

Similar Description - AP1518K5A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1503 ANACHIP-AP1503 Datasheet
151Kb / 5P
   300Khz, 2.5A PWM Buck DC/DC Converter
AP1519 ANACHIP-AP1519 Datasheet
172Kb / 9P
   300KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com