Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILA1238NS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ILA1238NS
Description  FM/AM STEREO RADIORECEIVER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ILA1238NS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ILA1238NS Datasheet HTML 1Page - List of Unclassifed Manufacturers ILA1238NS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ILA1238NS
Korzhenevsky 12, Minsk, 220064, Republic of Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61,
277 69 16
E-mail: belms@belms.belpak.minsk.by
URL: www.bms.by
FM/AM STEREO RADIORECEIVER
DESCRIPTION
ILA1238NS is a high performance one - chip bipolar ICS designed for FM/AM stereo radios. These include an FM/AM
front end, FM/AM IF amplifier, FM/AM detection output and FM stereo demodulator output. Bipolar silicon monolithic IC.
FEATURES
• Low current consumption
(In FM mode ID = 11.0 mA, in AM mode 8.5 mA,
VCC = 6.0V).
• Built - in LED drive circuit for tuning.
• Built - in LED drive circuit for stereo indicator.
• Built - in detune muting circuit for the FM band.
• Few external parts.
ELECTRICAL CHARACTERISTICS(T
A = 25
°C)
Symbol
Parameter
Test Conditions
Guaranteed Limits
Unit
Min
Typ
Max
ID1/D2
AM/FM circuit current
No signal AM/FM
8.5/11
12.0/
15.0
mA
GV1
FM front end voltage gain
VIN1 = 40dBmV, 100MHz
28
35
42
dB
VD1/D3
FM/AM detection output level
35
77.5
138
VRMS
VD2
FM IF knee level
25
31
dBmV
THD1/HD2
FM/AM detection output
distortion factor
0.3/0.6
2.0
%
GV2
AM front end voltage gain
VIN2 = 60dBmV, 1660kHz
19
24
28
dB
GV3
AM IF voltage gain
15
21
29
dB
SEP
Separation
30
40
dB
VI1
M/ST switching level by IF
input
38
43
48
dBmV
A1
FM Mute
Vin5=245mVrms,
MONO,1kHz ATT
16
23
30
dB


Similar Part No. - ILA1238NS

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILA1238NS INTEGRAL-ILA1238NS Datasheet
234Kb / 8P
   AM/FM MONO RECEIVER
More results

Similar Description - ILA1238NS

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KKA1238NS KODENSHI-KKA1238NS Datasheet
170Kb / 3P
   FM/AM STEREO RADIORECEIVER
logo
Sony Corporation
CXA1538M SONY-CXA1538M Datasheet
299Kb / 15P
   FM STEREO/AM RADIO
ST-H300 SONY-ST-H300 Datasheet
10Mb / 12P
   FM stereo, FM/AM superheterodyne tuner
logo
NXP Semiconductors
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
TEA5712 PHILIPS-TEA5712 Datasheet
400Kb / 28P
   AM/FM stereo DTS radio circuit
September 1994
logo
Sanyo Semicon Device
LA1826 SANYO-LA1826 Datasheet
331Kb / 16P
   AM/FM Tuner with MPX Stereo Demodulator
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
   AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
BA1451F ROHM-BA1451F Datasheet
134Kb / 8P
   AM radio / FM IF stereo system IC
logo
Panasonic Semiconductor
AN7233SH PANASONIC-AN7233SH Datasheet
53Kb / 3P
   FM/AM Tuner for 1.5V Headphone Stereo
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com