Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTXV2N6786U Datasheet(PDF) 4 Page - International Rectifier

Part # JANTXV2N6786U
Description  HEXFET TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANTXV2N6786U Datasheet(HTML) 4 Page - International Rectifier

  JANTXV2N6786U Datasheet HTML 1Page - International Rectifier JANTXV2N6786U Datasheet HTML 2Page - International Rectifier JANTXV2N6786U Datasheet HTML 3Page - International Rectifier JANTXV2N6786U Datasheet HTML 4Page - International Rectifier JANTXV2N6786U Datasheet HTML 5Page - International Rectifier JANTXV2N6786U Datasheet HTML 6Page - International Rectifier JANTXV2N6786U Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRFE310, JANTX-, JANTXV-, 2N6786U Devices
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
2
4
6
8
10
12
0
5
10
15
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
1.25 A
V
= 80V
DS
V
= 200V
DS
V
= 320V
DS
0.1
1
10
0.4
0.6
0.8
1.0
1.2
1.4
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
1
10
100
0
100
200
300
400
500
V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0.01
0.1
1
10
100
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms


Similar Part No. - JANTXV2N6786U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTXV2N6786 IRF-JANTXV2N6786 Datasheet
230Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=3.6ohm, Id=1.25A)
More results

Similar Description - JANTXV2N6786U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFE430 IRF-IRFE430 Datasheet
129Kb / 8P
   HEXFET TRANSISTOR
IRLF230 IRF-IRLF230 Datasheet
76Kb / 7P
   HEXFET TRANSISTOR
IRHN7450 IRF-IRHN7450 Datasheet
310Kb / 12P
   HEXFET TRANSISTOR
IRFM140 IRF-IRFM140 Datasheet
211Kb / 8P
   HEXFET TRANSISTOR
IRFV064 IRF-IRFV064 Datasheet
216Kb / 8P
   HEXFET TRANSISTOR, N-CHANNEL
IRH7250 IRF-IRH7250 Datasheet
317Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHF7130 IRF-IRHF7130 Datasheet
291Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHM7160 IRF-IRHM7160 Datasheet
137Kb / 8P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFE9130 IRF-IRFE9130 Datasheet
203Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRH7450 IRF-IRH7450 Datasheet
312Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com