Selected language     English  ā–¼


H.261 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part No. H.261
Description  LINE TRANSMISSION OF NON-TELEPHONE SIGNALS
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 11 page
background image
8
Recommendation H.261
(03/93)
T 15 02 45 1-9 0/ d0 4
P SC
T R
PT YP E
PE I
P SP AR E
GN
GQ U AN T
GE I
GS PA R E
G BS C
M BA
M T YPE
M QU A N T
M V D
M V D
C BP
C B P
T C OE F F
EOB
P ictur e laye r
GO B laye r
G OB lay er
M B la yer
M B layer
B lock laye r
M B A st uf fing
B lock laye r
F ixed le ngt h
V ar ia ble len gth
FIGURE 4/H.261
Syntax diagram for the video multiplex coder
FIGURE 4/H.261...[D04] = 21 CM PAGE PLEINE




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MABACT00591:1 Transmission Line Transformer 4.5 - 3000MHz 1 2 3 Tyco Electronics
MABACT00391:1 Transmission Line Transformer 5-3000MHz 1 2 3 Tyco Electronics
HCC4066BOR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION 1 2 3 4 5 MoreSTMicroelectronics
TLP113Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D 1 2 3 4 5 MoreToshiba Semiconductor
MABACT00561:1 Transmission Line Transformer 4.5-2000MHz 1 2 3 Tyco Electronics
HCF4066BQUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS 1 2 3 4 5 MoreSTMicroelectronics
ETC1-1-13E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz 1 2 Tyco Electronics
MABACT00654:1 Transmission Line Transformer 500-3000MHz 1 2 3 Tyco Electronics
ETC16-4-2-3E-Series RF 1:4 Transmission Line Step-up Transformer 500 - 2500 MHz 1 2 Tyco Electronics
MABACT00664:1 Transmission Line Transformer 5-1000MHz 1 2 3 Tyco Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl