Selected language     English  â–Ľ


H.261 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. H.261
Description  LINE TRANSMISSION OF NON-TELEPHONE SIGNALS
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 2 page
background image
FOREWORD
The ITU Telecommunication Standardization Sector (ITU-T) is a permanent organ of the International Telecommunication
Union. The ITU-T is responsible for studying technical, operating and tariff questions and issuing Recommendations on them
with a view to standardizing telecommunications on a worldwide basis.
The World Telecommunication Standardization Conference (WTSC), which meets every four years, established the topics for
study by the ITU-T Study Groups which, in their turn, produce Recommendations on these topics.
ITU-T Recommendation H.261 was revised by the ITU-T Study Group XV (1988-1993) and was approved by the WTSC
(Helsinki, March 1-12, 1993).
___________________
NOTES
1
As a consequence of a reform process within the International Telecommunication Union (ITU), the CCITT ceased
to exist as of 28 February 1993. In its place, the ITU Telecommunication Standardization Sector (ITU-T) was created as of 1
March 1993. Similarly, in this reform process, the CCIR and the IFRB have been replaced by the Radiocommunication
Sector.
In order not to delay publication of this Recommendation, no change has been made in the text to references containing the
acronyms “CCITT, CCIR or IFRB” or their associated entities such as Plenary Assembly, Secretariat, etc. Future editions of
this Recommendation will contain the proper terminology related to the new ITU structure.
2
In this Recommendation, the expression “Administration” is used for conciseness to indicate both a
telecommunication administration and a recognized operating agency.
© ITU 1994
All rights reserved. No part of this publication may be reproduced or utilized in any form or by any means, electronic or
mechanical, including photocopying and microfilm, without permission in writing from the ITU.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MABACT00591:1 Transmission Line Transformer 4.5 - 3000MHz 1 2 3 Tyco Electronics
MABACT00391:1 Transmission Line Transformer 5-3000MHz 1 2 3 Tyco Electronics
HCC4066BOR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION 1 2 3 4 5 MoreSTMicroelectronics
TLP113Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D 1 2 3 4 5 MoreToshiba Semiconductor
MABACT00561:1 Transmission Line Transformer 4.5-2000MHz 1 2 3 Tyco Electronics
HCF4066BQUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS 1 2 3 4 5 MoreSTMicroelectronics
ETC1-1-13E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz 1 2 Tyco Electronics
MABACT00654:1 Transmission Line Transformer 500-3000MHz 1 2 3 Tyco Electronics
ETC16-4-2-3E-Series RF 1:4 Transmission Line Step-up Transformer 500 - 2500 MHz 1 2 Tyco Electronics
MABACT00664:1 Transmission Line Transformer 5-1000MHz 1 2 3 Tyco Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl