Selected language     English  ā–¼


H.261 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. H.261
Description  LINE TRANSMISSION OF NON-TELEPHONE SIGNALS
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 8 page
background image
Recommendation H.261
(03/93)
5
T 150 24 41-9 0/ d0 3
C C
T
Q
Q
T
F
P
p
t
q z
q
v
f
T
Q
P
F
C C
p
t
q z
q
v
f
V id e o
in
T o vide o
m ultip lex
co de r
T r a ns fo rm
Q ua n tizer
P ictu r e m e m or y with m o tio n com p en sa te d var iab le de lay
L o op f ilte r
C o d in g co nt ro l
F la g fo r IN T R A /IN T E R
F la g fo r tr an sm itte d o r no t
Q ua n tizer in d ic atio n
Q ua n tizing in de x f or t ra n sfo rm coe ff icie n ts
M o tio n v ect or
S w itch in g o n/ off o f t he lo op f ilte r
- 1
- 1
FIGURE 3/H.261
Source coder
FIGURE 3/H.261...[D03] = 16 CM
3.2.3
Loop filter
The prediction process may be modified by a two-dimensional spatial filter (FIL) which operates on pels within a predicted 8
by 8 block.
The filter is separable into one-dimensional horizontal and vertical functions. Both are non-recursive with coefficients of 1/4,
1/2, 1/4 except at block edges where one of the taps would fall outside the block. In such cases the 1-D filter is changed to
have coefficients of 0, 1, 0. Full arithmetic precision is retained with rounding to 8 bit integer values at the 2-D filter output.
Values whose fractional part is one half are rounded up.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MABACT00591:1 Transmission Line Transformer 4.5 - 3000MHz 1 2 3 Tyco Electronics
MABACT00391:1 Transmission Line Transformer 5-3000MHz 1 2 3 Tyco Electronics
HCC4066BOR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION 1 2 3 4 5 MoreSTMicroelectronics
TLP113Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D 1 2 3 4 5 MoreToshiba Semiconductor
MABACT00561:1 Transmission Line Transformer 4.5-2000MHz 1 2 3 Tyco Electronics
HCF4066BQUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS 1 2 3 4 5 MoreSTMicroelectronics
ETC1-1-13E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz 1 2 Tyco Electronics
MABACT00654:1 Transmission Line Transformer 500-3000MHz 1 2 3 Tyco Electronics
ETC16-4-2-3E-Series RF 1:4 Transmission Line Step-up Transformer 500 - 2500 MHz 1 2 Tyco Electronics
MABACT00664:1 Transmission Line Transformer 5-1000MHz 1 2 3 Tyco Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl