Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHBA-5218X Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HHBA-5218X
Description  Low Profile, 2 Gb/s Fibre Channel Adapters for High Performance Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HHBA-5218X Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HHBA-5218X Datasheet HTML 1Page - Agilent(Hewlett-Packard) HHBA-5218X Datasheet HTML 2Page - Agilent(Hewlett-Packard) HHBA-5218X Datasheet HTML 3Page - Agilent(Hewlett-Packard) HHBA-5218X Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications
Fibre Channel Operation
Fibre Channel Data Rate
2 Gbit/sec: 200 MBytes/sec (half duplex), 400 MBytes/sec (full duplex)
Auto-Speed Negotiation
1 or 2 Gb/s
BIOS Support
INT13, Legacy BIOS for IA-64, Extensible Firmware Interface (EFI)
Topology
Arbitrated Loop – Public and Private, Fabric support (F- and FL-login)
FC Service Class
Class 2 (ACK_0, ACK_1) and Class 3
Upper Layer Protocol
SCSI FCP – On-chip automation of complete SCSI I/O
Loop Initialization
Completely hardware-based for high availability
Link Diagnostics
Link Status indicators, internal/external loopback
Link Speed
2 Gb status indicator
Compliance
FC-PH, FC-AL, FC-PLDA, FCP-SCSI
PCI
Compliance
PCI Local Bus Specifications Rev. 2.2
Rate & Width
66/33 MHz, 64/32-bit PCI
Burst Transfer Rate
528 Mbytes/sec, guaranteed for length of frame, inbound & outbound at 64-bit, 66 MHz
Dual Address Cycle Support
Yes (64-bit PCI addressing)
Hot Plug Support
Yes
Additional PCI Features
Zero wait state multiple cache line bursting capable up to full frame size, 32-byte cache line
Tachyon XL2 Architectural Features
Complete Hardware-based Design
Less than one interrupt per I/O
Numerous independent functional blocks concurrently processing inbound data, outbound data,
control and commands in hardware
Automation of complete I/O on-chip in hardware results in lowest latency & I/O overhead and highest
levels of parallelism
Physical and Environmental
PCB Size
Low Profile PCI Card, MD2 form factor (length 6.6" x height 2.536")
PCB Power
7W max at 5V
± 5%
Supply Voltage
3.3V
± 5%, 5V ± 5%
Operating Temperature Range
0
° to 55° Centigrade (no airflow)
Storage Temperature Range
-40
° to 70° Centigrade
Relative Humidity
up to 90% (non-condensing)
Softwrae Support
Tachyon Software Developer’s Kit
Windows NT 4.0
(TSDK)
Linux Environments
VXWorks
Certifications
FCC Class B
US/FDA/CDRH Laser AEL Class 1 (2 CFR)
CE
TÚV Rheinland Laser AEL Class 1 (EN60825-1+A11)
VCC ITE Class
Yes
C-TICK (AZ/NZS 3548)
Yes


Similar Part No. - HHBA-5218X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HHBA-5101 HP-HHBA-5101 Datasheet
103Kb / 3P
   Agilent HHBA-5101 64-bit Tachyon TL PCI-to-Fibre Channel Adapter
HHBA-5121X HP-HHBA-5121X Datasheet
103Kb / 3P
   Agilent HHBA-5101 64-bit Tachyon TL PCI-to-Fibre Channel Adapter
HHBA-5121XP HP-HHBA-5121XP Datasheet
103Kb / 3P
   Agilent HHBA-5101 64-bit Tachyon TL PCI-to-Fibre Channel Adapter
HHBA-5418 HP-HHBA-5418 Datasheet
96Kb / 3P
   Low Profile, 2 Gb/s, Dual Port PCI-X to Fibre Channel Adapters
HHBA-5418X HP-HHBA-5418X Datasheet
96Kb / 3P
   Low Profile, 2 Gb/s, Dual Port PCI-X to Fibre Channel Adapters
More results

Similar Description - HHBA-5218X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HHBA-5418 HP-HHBA-5418 Datasheet
96Kb / 3P
   Low Profile, 2 Gb/s, Dual Port PCI-X to Fibre Channel Adapters
logo
List of Unclassifed Man...
QLA2350 ETC-QLA2350 Datasheet
1Mb / 2P
   2-Gb Fibre Channel to PCI-X Host Bus Adapters
logo
Vitesse Semiconductor C...
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
   1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57L5AP AVAGO-HFBR-57L5AP Datasheet
460Kb / 18P
   Digital Diagnostic SFP 850 nm Transceiver for Fibre Channel 1.0625 Gb/s and Ethernet 1.25 Gb/s
logo
Applied Micro Circuits ...
QT2032PRKCB AMCC-QT2032PRKCB Datasheet
2Mb / 220P
   10 Gb/s Serial-to-XAUI PHY ICs for Ethernet and Fibre Channel LAN/ SAN/WAN Applications (CDR)
logo
Axiomtek Co., Ltd.
TBOX320-852-FL AXIOMTEK-TBOX320-852-FL_16 Datasheet
509Kb / 2P
   High performance DDR3-1333 2 GB DRAM
TBOX320-852-FL AXIOMTEK-TBOX320-852-FL_14 Datasheet
535Kb / 3P
   High performance DDR3-1333 2 GB DRAM onboard
logo
Optoway Technology Inc
SPB-9110V-T3T5G OPTOWAY-SPB-9110V-T3T5G_15 Datasheet
109Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SMDual Transmitter
SPB-9110V-T3T5G_2015 OPTOWAY-SPB-9110V-T3T5G_2015 Datasheet
109Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SMDual Transmitter
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com