Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4216 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4216
Description  Ultralow Voltage Hot Swap Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4216 Datasheet HTML 3Page - Linear Technology LTC4216 Datasheet HTML 4Page - Linear Technology LTC4216 Datasheet HTML 5Page - Linear Technology LTC4216 Datasheet HTML 6Page - Linear Technology LTC4216 Datasheet HTML 7Page - Linear Technology LTC4216 Datasheet HTML 8Page - Linear Technology LTC4216 Datasheet HTML 9Page - Linear Technology LTC4216 Datasheet HTML 10Page - Linear Technology LTC4216 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC4216
4216f
7
The LTC4216 is a Hot Swap controller residing either on
a removable circuit board or on the backplane. It moni-
tors the current and protects the load with an external
N-channel MOSFET and a current sensing resistor (see
Typical Application). Both inrush current limiting and
short-circuit protection are provided by the LTC4216. The
device is powered via the bias supply input (VCC) and it
has a separate sense pin, SENSEP, to monitor the load
supply (VIN). The load supply can extend from 0V to 6V,
with a minimum bias supply voltage of 2.3V.
When the ON pin is pulled from low to high, TIMER begins
the first timing cycle by sourcing 2µA into C1 once these
conditions are met: bias supply voltage out of undervolt-
age lockout (> 2.12V); TIMER, SS, FILTER and GATE
pin voltages < 0.2V. When the C1 voltage rises above
the TIMER pin threshold (1.253V), TIMER pulls low and
releases both the SS and GATE pins. C2 starts to ramp
up at the SS pin, controlling the rate of GATE ramp. This
limits the rate of change of the inrush current flowing into
the output load capacitance. ⎯R⎯E⎯S⎯E⎯T pin goes high after
the second timing cycle when the FB pin voltage exceeds
0.6V and its hysteresis.
When the external MOSFET is fully turned on, the output
will ramp to load supply voltage if the inrush into the load
capacitance is low. However, if the inrush current exceeds
the analog current limit of ΔVACL(TH)/RSENSE, the LTC4216
will ramp the output by sourcing the limited current into
the load capacitance.
The LTC4216 provides protection against output short-
circuits or current overload through an internal electronic
circuit breaker with trip threshold of 25mV and an analog
current limit circuit. The circuit breaker response time is
set by C3 at the FILTER pin.
+
+
+
+
+
+
+
0.2V
2.12V
0.4V
0.8V
0.6V
2
µA
2.4
µA
1.253V
CP1
CP6
CP7
CP5
CP4
VCC
VCC
VCC
SENSEP
SENSEN
GATE
SS**
RESET
ON
FB
4216 BD
FAULT**
GND
TIMER
FILTER
NORMAL
UVLO
ECB
ACL
NOTE 1: FILTER DELAY IS SET BY FILTER PIN CAPACITOR
** ONLY AVAILABLE IN THE DE12 PACKAGE
VCC
VCC
CP2
CP3
1.253V
1.253V
6
µs
DELAY
FAULT LATCH
RESET
DEVICE
RESET
FAULT LATCH-OFF
OUT OF UVLO
CB TRIPS
OR UVLO
GATE
ON
GATE
OFF
M4
M3
M2
M1
M5
M6
R1
M7
M9
M10
M8
Z1
D1
D2
CHARGE
PUMP
100
µA
20
µA
40mV
25mV
10
µA1µA
5
µA
GATE ON
GATE OFF
DEVICE RESET, UVLO
OR POWER BAD
CB
TRIPS
FILTER
FUNCTION OF
OVERDRIVE
FILTER DELAY
(SEE NOTE 1)
30
µs
DELAY
60
µA
VCC
LOGIC
3
µs
DELAY
BLOCK DIAGRA
OPERATIO


Similar Part No. - LTC4216

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4216 LINER-LTC4216 Datasheet
278Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC4216 LINER-LTC4216 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4216 LINER-LTC4216 Datasheet
341Kb / 24P
   Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
LTC4216 LINER-LTC4216 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4216 LINER-LTC4216 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results

Similar Description - LTC4216

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4216 LINER-LTC4216_15 Datasheet
316Kb / 26P
   Ultralow Voltage Hot Swap Controller
logo
Summit Microelectronics...
S39421 SUMMIT-S39421 Datasheet
201Kb / 28P
   Hot Swap Voltage Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
   Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com