Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4216 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4216
Description  Ultralow Voltage Hot Swap Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4216 Datasheet HTML 5Page - Linear Technology LTC4216 Datasheet HTML 6Page - Linear Technology LTC4216 Datasheet HTML 7Page - Linear Technology LTC4216 Datasheet HTML 8Page - Linear Technology LTC4216 Datasheet HTML 9Page - Linear Technology LTC4216 Datasheet HTML 10Page - Linear Technology LTC4216 Datasheet HTML 11Page - Linear Technology LTC4216 Datasheet HTML 12Page - Linear Technology LTC4216 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC4216
4216f
9
LOGIC
TIMER
TIMER
LTC4216**
SENSEP
0.6V
VCC
VIN
ON
FB
R4
R3
RSENSE
R5
M2
M1
RESET
SENSEN
GATE
+
C1
CLOAD
**ADDITIONAL DETAILS
OMITTED FOR CLARITY
RESET
µP
VOUT
+
4216 F02
switch when the TIMER pin voltage exceeds its threshold.
The timer period for C1 to charge up to the TIMER pin
threshold, VTMR(TH) (1.253V), is given by:
t
VC
A
TIMER
=
1 253
1
2
.•
µ
(1)
For example, if C1 = 10nF, tTIMER = 6.2ms.
FB Glitch Filtering
The FB pin is used to monitor the output voltage of the
external MOSFET through a resistive divider. Any tran-
sients on the FB pin due to the output low spikes will
pull ⎯R⎯E⎯S⎯E⎯T low. To prevent ⎯R⎯E⎯S⎯E⎯T from generating an
unwanted system reset, the FB comparator has a glitch
filter to ride out these glitches. The filter time is 20µs for
large transients (greater than 150mV) and up to 100µs
for small transients. The relationship between glitch filter
time and the FB pin transient voltage or FB overdrive is
shown in Figure 1.
FB pin voltage rises above 0.6V, the FB comparator output
goes low and a new timing cycle starts. After a complete
timing cycle at time point 6, ⎯R⎯E⎯S⎯E⎯T is pulled high by the
external pull-up resistor, R5. The timer period given by
Equation (1) sets the power-good delay for ⎯R⎯E⎯S⎯E⎯T going
high. If the FB pin voltage stays above 0.6V for less than
a timing cycle at time point 4, the ⎯R⎯E⎯S⎯E⎯T output remains
low. Any overcurrent fault detected by the electronic circuit
breaker or ⎯F⎯A⎯U⎯L⎯T pin driven low externally during the
timing cycle, will also pull the TIMER pin low and ⎯R⎯E⎯S⎯E⎯T
output remains low.
When the device enters an undervoltage lockout condition
or the ON pin voltage drops below 0.4V, ⎯R⎯E⎯S⎯E⎯T is pulled
low, ignoring the FB pin voltage.
Figure 2. Output Voltage Monitor Block Diagram
Figure 3. Output Voltage Monitor
Waveforms in Normal Operation
12
VOUT
VTMR(TH)
VFB < 0.6V V
FB > 0.6V
VFB < 0.6V
VFB > 0.6V
TIMER
RESET
GLITCH FILTER DELAY
34
5
6
POWER-GOOD
DELAY
2µA
2µA
4216 F03
APPLICATIO S I FOR ATIO
Figure 1. FB Comparator Glitch Filter Time vs FB Overdrive
Output Voltage Monitor
As shown in Figure 2, the output voltage is monitored
through a resistive divider, R3 and R4, connected at the
FB pin, and a FB comparator with 0.6V threshold.
The normal operation of the output voltage monitor after a
start-up cycle is shown in Figure 3. At time point 1, when the
FB pin voltage falls below 0.6V, the FB comparator output
goes high. ⎯R⎯E⎯S⎯E⎯T is pulled low by an internal N-channel
switch after a glitch filter delay at time point 2. When the
FB OVERDRIVE (mV)
0
100
120
140
160
120
80
60
40
80
200
40
20
0
TA = 25°C


Similar Part No. - LTC4216

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4216 LINER-LTC4216 Datasheet
278Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC4216 LINER-LTC4216 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4216 LINER-LTC4216 Datasheet
341Kb / 24P
   Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
LTC4216 LINER-LTC4216 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4216 LINER-LTC4216 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results

Similar Description - LTC4216

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4216 LINER-LTC4216_15 Datasheet
316Kb / 26P
   Ultralow Voltage Hot Swap Controller
logo
Summit Microelectronics...
S39421 SUMMIT-S39421 Datasheet
201Kb / 28P
   Hot Swap Voltage Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
   Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com