Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4216 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4216
Description  Ultralow Voltage Hot Swap Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216 Datasheet(HTML) 3 Page - Linear Technology

  LTC4216 Datasheet HTML 1Page - Linear Technology LTC4216 Datasheet HTML 2Page - Linear Technology LTC4216 Datasheet HTML 3Page - Linear Technology LTC4216 Datasheet HTML 4Page - Linear Technology LTC4216 Datasheet HTML 5Page - Linear Technology LTC4216 Datasheet HTML 6Page - Linear Technology LTC4216 Datasheet HTML 7Page - Linear Technology LTC4216 Datasheet HTML 8Page - Linear Technology LTC4216 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC4216
4216f
3
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IGATE(UP)
GATE Pull Up Current
Gate Drive On, VGATE = 0V, VON = 2V
– 16
– 20
– 26
µA
IGATE(DN)
GATE Pull Down Current
Gate Drive Off, VGATE = 5V, VON = 0.6V
100
600
1500
µA
VSENSEP - VSENSEN = 55mV, VGATE = 5V
1
5
20
mA
VSENSEP - VSENSEN = 100mV, VGATE = 5V
15
50
100
mA
ΔVGATE
External N-Channel Gate Drive
2.3V ≤ VCC < 3V
4.0
5.0
7.9
V
(VGATE – VSENSEN)
3V ≤ VCC ≤ 6V
4.5
6.2
7.9
V
VGATE(TH)
GATE Pin Threshold Voltage
VGATE Falling
0.15
0.2
0.3
V
VSS(CLP)
SS Pin Clamp Voltage
After End of SS Timing Cycle
1.3
1.65
2.0
V
VSS(TH)
SS Pin Threshold Voltage
VSS Falling
0.15
0.2
0.35
V
ISS(UP)
SS Pull Up Current
VON = 2V, VSS = 1.2V, VFB = 2V
– 7
– 10
– 13
µA
VON = 2V, VFB = 0V
–0.3
– 1
– 2
µA
ISS(DN)
SS Pull Down Current
VON = 0V, VSS = 2V
8
mA
VFB(TH)
FB Pin Threshold Voltage
VFB Falling
0.593
0.602
0.611
V
ΔVFB(LINEREG)
FB Pin Threshold Line Regulation
2.3V ≤ VCC ≤ 6V
0.2
3
mV
ΔVFB(HYST)
FB Pin Hysteresis
3
mV
IFB(IN)
FB Pin Input Current
VFB = 1.2V, VCC = 6V
0
±1
µA
VON(TH)
ON Pin Threshold Voltage
VON Rising
0.77
0.8
0.83
V
ΔVON(HYST)
ON Pin Hysteresis
40
80
130
mV
VON(FC)
ON Pin Fault Clear Threshold Voltage
VON Falling
0.36
0.4
0.44
V
ION(IN)
ON Pin Input Current
VON = 1.2V, VCC = 6V
0
±1
µA
VTMR(TH)
TIMER Pin Threshold Voltage
VTIMER Rising
1.216
1.253
1.291
V
VTIMER Falling
0.15
0.2
0.35
V
ITMR(UP)
Timer Pull Up Current
Timer On, VON = 2V, VTIMER = 1V
–1.5
–2
–2.5
µA
ITMR(DN)
Timer Pull Down Current
Timer Off, VON = 0V, VTIMER = 2V
8
mA
VFILT(TH)
FILTER Pin Threshold Voltage
VFILTER Rising
1.216
1.253
1.291
V
VFILTER Falling
0.15
0.2
0.35
V
IFILT(UP)
Filter Pull Up Current
VON = 2V, VFILTER = 1V, In Fault Mode
– 45
– 60
– 75
µA
IFILT(DN)
Filter Pull Down Current
VON = 2V, VFILTER = 1V, No Faults
1.5
2.4
3.3
µA
VON = 0V, VFILTER = 2V, In Reset Mode
8
mA
V⎯F⎯A⎯U⎯L⎯T(TH)
⎯F⎯A⎯U⎯L⎯T Pin Threshold Voltage
V⎯F⎯A⎯U⎯L⎯T Falling
1.216
1.253
1.291
V
ΔV⎯F⎯A⎯U⎯L⎯T(HYST)
⎯F⎯A⎯U⎯L⎯T Pin Hysteresis
10
mV
I⎯F⎯A⎯U⎯L⎯T(UP)
⎯F⎯A⎯U⎯L⎯T Pin Current
VON = 0V, V⎯F⎯A⎯U⎯L⎯T = 1.5V
–3
–5
–7
µA
VOL
Output Low Voltage (⎯R⎯E⎯S⎯E⎯T, ⎯F⎯A⎯U⎯L⎯T)
I⎯R⎯E⎯S⎯E⎯T = I⎯F⎯A⎯U⎯L⎯T = 1.6mA
0.15
0.4
V
I⎯R⎯E⎯S⎯E⎯T(LEAK)
⎯R⎯E⎯S⎯E⎯T Pin Input Leakage Current
V⎯R⎯E⎯S⎯E⎯T = VCC = 6V
0
±10
µA
tCB(TRIP)
Circuit Breaker Trip to Gate
(VSENSEP - VSENSEN) = Step 0V to 30mV,
120
240
360
µs
Discharging
VSENSEP = VCC, FILTER = 10nF to GND
t⎯F⎯A⎯U⎯L⎯T(EXT)
⎯F⎯A⎯U⎯L⎯T Low to Gate Discharging
V⎯F⎯A⎯U⎯L⎯T = Step 2V to 0V
10
20
µs
tFILTER
FILTER High to Gate Discharging
VFILTER = Step 0V to 2V
20
40
µs
tRST(ONLO)
Circuit Breaker Reset Delay Time,
VON = Step 2V to 0V
30
60
µs
ON Low to ⎯F⎯A⎯U⎯L⎯T High
tRST(VCCLO)
Circuit Breaker Reset Delay Time,
VON = 2V, VCC = Step 3.3V to 1.8V
50
100
µs
VCC Low to ⎯F⎯A⎯U⎯L⎯T High
tOFF
Turn-Off Time, ON Low to GATE Discharging
VON = Step 2V to 0.6V
15
µs
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of
the device pins are negative; all voltages are referenced to GND unless
otherwise specified.


Similar Part No. - LTC4216

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4216 LINER-LTC4216 Datasheet
278Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC4216 LINER-LTC4216 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4216 LINER-LTC4216 Datasheet
341Kb / 24P
   Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
LTC4216 LINER-LTC4216 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4216 LINER-LTC4216 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results

Similar Description - LTC4216

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4216 LINER-LTC4216_15 Datasheet
316Kb / 26P
   Ultralow Voltage Hot Swap Controller
logo
Summit Microelectronics...
S39421 SUMMIT-S39421 Datasheet
201Kb / 28P
   Hot Swap Voltage Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
   Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com