Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4216 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4216
Description  Ultralow Voltage Hot Swap Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4216 Datasheet HTML 2Page - Linear Technology LTC4216 Datasheet HTML 3Page - Linear Technology LTC4216 Datasheet HTML 4Page - Linear Technology LTC4216 Datasheet HTML 5Page - Linear Technology LTC4216 Datasheet HTML 6Page - Linear Technology LTC4216 Datasheet HTML 7Page - Linear Technology LTC4216 Datasheet HTML 8Page - Linear Technology LTC4216 Datasheet HTML 9Page - Linear Technology LTC4216 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC4216
4216f
6
⎯R⎯E⎯S⎯E⎯T (Pin 1/Pin 1): Reset or Power-Good Output. Open
drain output that pulls low if the FB pin voltage falls below
its threshold (0.6V). If an undervoltage lockout condition
occurs, the ⎯R⎯E⎯S⎯E⎯T pin pulls low and ignores the FB pin
voltage.
ON (Pin 2/Pin 2): ON Control Input. A rising edge above
the ON pin threshold (0.8V) initiates the start-up cycle and
turns on the external N-channel MOSFET. A falling edge
below 0.72V (80mV ON pin hysteresis) turns it off. If this
pin is pulled below 0.4V, following a circuit breaker trip, it
resets the electronic circuit breaker and fault latch.
FILTER (Pin 3/Pin 3): Fault Filter Input. Connect a capacitor
between this pin and ground to set up the fault filter delay.
This pin sources 60µA or sinks 2.4µA when the voltage
across the sense resistor exceeds 25mV or drops below
25mV respectively.
TIMER (Pin 4/Pin 4): Timer Input. Connect a capacitor
between this pin and ground to set up the start-up timing
cycle duration. It also defines the ⎯R⎯E⎯S⎯E⎯T power-good delay
from the instant the FB pin voltage exceeds 0.6V. This pin
sources 2µA pull-up current during ramp up.
SS (Pin 5/Not Available): Soft-Start Control Input. Con-
nect a capacitor between this pin and ground for soft-start
during power-up. It controls the GATE ramp up, limiting
the rate of change of the inrush current when the external
MOSFET turns on. If soft-start function is not used, leave
this pin unconnected.
GND (Pin 6/Pin 5): Device Ground.
FB (Pin 7/Pin 6): Output Monitor for Reset Output. A resis-
tive divider from the external MOSFET’s source terminal is
tied to this pin. When the voltage at this pin drops below
0.6V, the ⎯R⎯E⎯S⎯E⎯T pin pulls low.
GATE (Pin 8/Pin 7): Gate Drive for External N-Channel
MOSFET. An internal charge pump provides 20µA gate
pull-up current and sufficient gate overdrive to the exter-
nal MOSFET. An internal shunt regulator limits the GATE
pin voltage to about 6.2V (typ) above the SENSEN pin
voltage.
SENSEN (Pin 9/Pin 8): Circuit Breaker Negative Sense
Input. Connect this pin to the sense resistor terminal wired
to the drain of the external N-channel MOSFET. The sense
resistor is placed in the power path between SENSEP and
SENSEN pins to sense the output current. The electronic
circuit breaker trips if the voltage across the sense resistor
exceeds 25mV for more than a fault filter delay.
SENSEP (Pin 10/Pin 9): Circuit Breaker Positive Sense
Input. Connect this pin to the sense resistor terminal wired
to the positive supply input for the external output load.
This positive supply range extends from 0V to 6V.
VCC (Pin 11/Pin 10): Bias Supply Input. Operates from
2.3V to 6V. An internal undervoltage lockout circuit disables
the device until the input supply voltage at VCC exceeds
2.12V typically.
⎯F⎯A⎯U⎯L⎯T (Pin 12/Not Available): Fault Input and Output. As
an input, driving this pin low (<1.253V) will latch-off the
device to fault mode. As an output, it is either pulled high
by an internal 5µA pull-up or an external pull-up resistor
to positive supply under normal operating condition. It
pulls low when the circuit breaker is tripped due to an
overcurrent fault.
Exposed Pad (Pin 13/Not Available): Exposed pad may
be left open or connected to device ground.
(DE12 Package/MS Package)
PI FU CTIO S


Similar Part No. - LTC4216

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4216 LINER-LTC4216 Datasheet
278Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC4216 LINER-LTC4216 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4216 LINER-LTC4216 Datasheet
341Kb / 24P
   Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
LTC4216 LINER-LTC4216 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4216 LINER-LTC4216 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results

Similar Description - LTC4216

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4216 LINER-LTC4216_15 Datasheet
316Kb / 26P
   Ultralow Voltage Hot Swap Controller
logo
Summit Microelectronics...
S39421 SUMMIT-S39421 Datasheet
201Kb / 28P
   Hot Swap Voltage Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
   Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com