Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-3390 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-3390
Description  T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3390 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-3390 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3390 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3390 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3390 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3390 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3390 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3390 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-3390 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-3390 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
T-13/4 (5 mm), T-1 (3 mm),
Ultra-Bright LED Lamps
Technical Data
HLMP-3707, -3807, -3907
HLMP-3750, -3850, -3950,
-3960
HLMP-3390, -3490, -3590
HLMP-1340, -1440, -1540
HLMP-D640
HLMP-K640
Features
• Improved Brightness
• Improved Color Performance
• Available in Popular T-1 and
T-13/4 Packages
• New Sturdy Leads
• IC Compatible/Low Current
Capability
• Reliable and Rugged
• Choice of 3 Bright Colors
High Efficiency Red
High Brightness Yellow
High Performance Green
Applications
• Lighted Switches
• Backlighting Front Panels
• Light Pipe Sources
• Keyboard Indicators
Description
These non-diffused lamps out-
perform conventional LED lamps.
By utilizing new higher intensity
material, we achieve superior
product performance.
The HLMP-3750/-3390/-1340
Series Lamps are Gallium
Arsenide Phosphide on
Gallium Phosphide red light
emitting diodes. The HLMP-3850/
-3490/-1440 Series are Gallium
Arsenide Phosphide on Gallium
Phosphide yellow light emitting
diodes. The HLMP-3950/-3590/-
3960/-1540/-D640/-K640 Series
Lamps are Gallium Phosphide
green light emitting diodes.


Similar Part No. - HLMP-3390

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-3390 HP-HLMP-3390 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3390 AVAGO-HLMP-3390 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Broadcom Corporation.
HLMP-3390 BOARDCOM-HLMP-3390 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results

Similar Description - HLMP-3390

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3707 AVAGO-HLMP-3707 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com