Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE5243A Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE5243A
Description  50 Watt Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5243A Datasheet(HTML) 1 Page - NTE Electronics

  NTE5243A Datasheet HTML 1Page - NTE Electronics NTE5243A Datasheet HTML 2Page - NTE Electronics NTE5243A Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE5240A thru NTE5296A
50 Watt Zener Diodes
±5% Tolerance
Features:
D Zener Voltage 3.9 to 200V
D Low Zener Impedance
D Highly Reliable and Rugged
D Also Available in Reverse Polarity (NTE5240AK thru NTE5296AK)
Maximum Ratings:
Operating Junction Temperature Range, Topr
–65
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Power Dissipation, PD
50W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 75
°C
0.5W/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward Voltage (IF = 10A), VF
1.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Suffix “A” denotes anode to case polarity, “AK” denotes cathode to case.
Electrical Characteristics: (TC = +30°C, unless otherwise specified)
Nominal
Zener
Maximum Dynamic
Impedance
(Note 3)
Maximum
Typical
Maximum
NTE Type
Number
Zener Voltage
Vz @ Izt
(Note 2)
Test
Current
(Izt)
Zzt @ Izt
Zzk @
1mA (Izk)
DC Zener
Current
(Izm)
Temperature
Coefficient
αvz
Leakage
Current
IR @ VR
Volts
mA
Ohms
Ohms
mA
%/
°C
µA
Volts
NTE5240A
3.9
3200
0.16
400
11900
–0.046
150
0.5
NTE5241A
4.3
2900
0.16
500
10650
–0.033
150
0.5
NTE5242A
4.7
2650
0.12
600
9700
–0.015
100
1.0
NTE5243A
5.1
2450
0.12
650
8900
±0.010
20
1.0
NTE5244A
5.6
2250
0.12
900
8100
+0.030
29
1.0
NTE5245A
6.0
2125
0.13
950
7700
+0.040
20
1.5
NTE5246A
6.2
2000
0.14
1000
7300
+0.049
20
2.0
NTE5247A
6.8
1850
0.20
70
6600
0.040
300
4.5
NTE5248A
7.5
1700
0.30
70
5900
0.045
125
5.0
NTE5249A
8.2
1500
0.40
70
5200
0.048
50
5.4


Similar Part No. - NTE5243A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
NTE524V13 NTE-NTE524V13 Datasheet
27Kb / 3P
   Metal Oxide Varistors (MOV)
NTE524V13 NTE-NTE524V13 Datasheet
67Kb / 3P
   Metal Oxide Varistors (MOV)
NTE524V13 NTE-NTE524V13 Datasheet
67Kb / 3P
   High Transient Current Capability
NTE524V15 NTE-NTE524V15 Datasheet
27Kb / 3P
   Metal Oxide Varistors (MOV)
More results

Similar Description - NTE5243A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N2804B MICROSEMI-1N2804B_10 Datasheet
201Kb / 6P
   50 WATT ZENER DIODES
1N2846B MICROSEMI-1N2846B Datasheet
236Kb / 4P
   50 Watt Zener Diodes
1N4553A MICROSEMI-1N4553A Datasheet
380Kb / 3P
   50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N2804 MICROSEMI-1N2804 Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
logo
NTE Electronics
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com