Electronic Components Datasheet Search |
|
MDU28C-10B1 Datasheet(PDF) 4 Page - Data Delay Devices, Inc. |
|
MDU28C-10B1 Datasheet(HTML) 4 Page - Data Delay Devices, Inc. |
4 / 4 page MDU28C Doc #97040 DATA DELAY DEVICES, INC. 4 12/12/97 Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com DELAY LINE AUTOMATED TESTING TEST CONDITIONS INPUT: OUTPUT: Ambient Temperature: 25 oC ± 3oC Load: 1 FAST-TTL Gate Supply Voltage (VDD): 5.0V ± 0.1V Cload: 5pf ± 10% Input Pulse: High = 5.0V ± 0.1V Threshold: 2.5V (Rising & Falling) Low = 0.0V ± 0.1V Source Impedance: 50 Ω Max. Rise/Fall Time: 5.0 ns Max. (measured between 0.5V and 4.5V ) Pulse Width: PWIN = 1.5 x Total Delay Period: PERIN = 10 x Total Delay NOTE: The above conditions are for test only and do not in any way restrict the operation of the device. O1 OUT TRIG IN REF TRIG Test Setup DEVICE UNDER TEST (DUT) TIME INTERVAL COUNTER PULSE GENERATOR COMPUTER SYSTEM PRINTER I1 O2 I2 0.5V 0.5V Timing Diagram For Testing TRISE TFALL PERIN PWIN TRISE TFALL 2.5V 2.5V 4.5V 4.5V 2.5V 2.5V VIH VIL VOH VOL INPUT SIGNAL OUTPUT SIGNAL |
Similar Part No. - MDU28C-10B1 |
|
Similar Description - MDU28C-10B1 |