Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC7082 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # ILC7082
Description  150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7082 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ILC7082 Datasheet HTML 1Page - Fairchild Semiconductor ILC7082 Datasheet HTML 2Page - Fairchild Semiconductor ILC7082 Datasheet HTML 3Page - Fairchild Semiconductor ILC7082 Datasheet HTML 4Page - Fairchild Semiconductor ILC7082 Datasheet HTML 5Page - Fairchild Semiconductor ILC7082 Datasheet HTML 6Page - Fairchild Semiconductor ILC7082 Datasheet HTML 7Page - Fairchild Semiconductor ILC7082 Datasheet HTML 8Page - Fairchild Semiconductor ILC7082 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ILC7082
2
REV. 1.6.2 11/17/04
Pin Assignments
Pin Description ILC7082-xx (Fixed voltage version)
Pin Description ILC7082-ADJ (Adjustable voltage version)
Pin Number
Pin Name
Pin Description
SOIC-8
SOT-23-5
3 and 4
1
VIN
Connect directly to supply.
1
2
GND
Ground pin. Local ground for CNOISE and COUT.
2
3
ON/OFF
By applying less than 0.6V to this pin the device will be turned off.
84
CNOISE
Optional noise bypass capacitor may be connected between this pin and
GND. Do not connect CNOISE directly to the main power ground plane.
5 and 6
5
VOUT
Output voltage. Connect COUT between this pin and GND.
7
N/C
Not connected
Pin Number
Pin Name
Pin Description
SOIC-8
SOT-23-5
3 and 4
1
VIN
Connect directly to supply.
1
2
GND
Ground pin. Local ground for CNOISE and COUT.
2
3
ON/OFF
By applying less than 0.6V to this pin the device will be turned off.
84
VADJ
Voltage feedback pin to set the adjustable output voltage. Do not connect a
capacitor to this pin.
5 and 6
5
VOUT
Output voltage. Connect COUT between this pin and GND.
7
N/C
Not connected
5
4
1
1
2
3
4
GND
ON/OFF
VIN
VIN
CNOISE
N/C
VOUT
VOUT
8
7
6
5
2
3
5
4
1
2
3
VOUT
CNOISE
VIN
GND ON/OFF
VIN
GND ON/OFF
SOT-23-5
SOIC-8
SOT-23-5
VOUT
VADJ
ILC7082-xx
ILC7082ADJ
1
2
3
4
GND
ON/OFF
VIN
VIN
VADJ
N/C
VOUT
VOUT
8
7
6
5
SOIC-8
Fixed Voltage Option
Adjustable Voltage Option


Similar Part No. - ILC7082

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7082 IMPALA-ILC7082 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7082AIM5-30 IMPALA-ILC7082AIM5-30 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
More results

Similar Description - ILC7082

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC7083 FAIRCHILD-ILC7083 Datasheet
472Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
logo
Impala Linear Corporati...
ILC7082 IMPALA-ILC7082 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Analog Microelectronics
AME8852A AME-AME8852A_16 Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852 AME-AME8852_16 Datasheet
339Kb / 23P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
logo
Analog Microelectronics
AME8852 AME-AME8852 Datasheet
205Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com