Electronic Components Datasheet Search |
|
HLMP-1540-IJ0XX Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
HLMP-1540-IJ0XX Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard) |
4 / 10 page 4 Absolute Maximum Ratings at TA = 25°C Parameter Red Yellow Green/Emerald Green Units Peak Forward Current 90 60 90 mA Average Forward Current[1] 25 20 25 mA DC Current[2] 30 20 30 mA Transient Forward Current[3] 500 500 500 mA (10 µs Pulse) Reverse Voltage (IR = 100 µA) 5 5 5 V LED Junction Temperature 110 110 110 °C Operating Temperature Range -55 to +100 -55 to +100 -20 to +100 °C Storage Temperature Range -55 to +100 Lead Soldering Temperature 260 °C for 5 seconds [1.6 mm (0.063 in.) from body] Notes: 1. See Figure 2 to establish pulsed operating conditions. 2. For Red and Green series derate linearly from 50 °C at 0.5 mA/°C. For Yellow series derate linearly from 50°C at 0.2 mA/°C. 3. The transient peak current is the maximum non-recurring peak current the devices can withstand without damaging the LED die and wire bonds. It is not recommended that the device be operated at peak currents beyond the Absolute Maximum Peak Forward Current. HLMP - x x xx - x x x xx Mechanical Options 00: Bulk 01: Tape & Reel, Crimped Leads 02, Bx: Tape & Reel, Straight Leads A1,B1: Right Angle Housing, Uneven Leads A2,B2: Right Angle Housing, Even Leads Dx, Ex: Ammo Pack, Straight Leads FH: 2 Iv bin select with Inventory Control Vx: Ammo Pack, Crimped Leads Color Bin Options 0: Full color bin distribution B: Color bin 2&3 only N: Color bin 6&7 only Maximum Iv Bin Options 0: Open (No. max. limit) Others: Please refer to the Iv bin table Minimum Iv Bin Options Please refer to the Iv bin table Color Options 3,7: GaP HER 4,8: GaP Yellow (except K4xx series) 5,9: GaP Green 6: GaP Emerald Green Package Option 1,K: T-1 (3 mm) 3,D: T-13/4 (5 mm) Part Numbering System |
Similar Part No. - HLMP-1540-IJ0XX |
|
Similar Description - HLMP-1540-IJ0XX |