Electronic Components Datasheet Search |
|
IN74AC245DW Datasheet(PDF) 3 Page - Integral Corp. |
|
IN74AC245DW Datasheet(HTML) 3 Page - Integral Corp. |
3 / 5 page IN74AC245 328 DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND) VCC Guaranteed Limits Symbol Parameter Test Conditions V 25 °C-40°C to 85 °C Unit VIH Minimum High-Level Input Voltage VOUT=0.1 V or VCC-0.1 V 3.0 4.5 5.5 2.1 3.15 3.85 2.1 3.15 3.85 V VIL Maximum Low - Level Input Voltage VOUT=0.1 V or VCC-0.1 V 3.0 4.5 5.5 0.9 1.35 1.65 0.9 1.35 1.65 V VOH Minimum High-Level Output Voltage IOUT ≤ -50 µA 3.0 4.5 5.5 2.9 4.4 5.4 2.9 4.4 5.4 V *V IN=VIH or VIL IOH=-12 mA IOH=-24 mA IOH=-24 mA 3.0 4.5 5.5 2.56 3.86 4.86 2.46 3.76 4.76 VOL Maximum Low-Level Output Voltage IOUT ≤ 50 µA 3.0 4.5 5.5 0.1 0.1 0.1 0.1 0.1 0.1 V *V IN= VIH or VIL IOL=12 mA IOL=24 mA IOL=24 mA 3.0 4.5 5.5 0.36 0.36 0.36 0.44 0.44 0.44 IIN Maximum Input Leakage Current VIN=VCC or GND 5.5 ±0.1 ±1.0 µA IOZ Maximum Three- State Leakage Current VIN (OE)= VIH or VIL VIN =VCC or GND VOUT =VCC or GND 5.5 ±0.6 ±6.0 µA IOLD +Minimum Dynamic Output Current VOLD=1.65 V Max 5.5 75 mA IOHD +Minimum Dynamic Output Current VOHD=3.85 V Min 5.5 -75 mA ICC Maximum Quiescent Supply Current (per Package) VIN=VCC or GND 5.5 8.0 80 µA * All outputs loaded; thresholds on input associated with output under test. +Maximum test duration 2.0 ms, one output loaded at a time. Note: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC |
Similar Part No. - IN74AC245DW |
|
Similar Description - IN74AC245DW |