Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC7082AIM525X Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # ILC7082AIM525X
Description  150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7082AIM525X Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button ILC7082AIM525X Datasheet HTML 7Page - Fairchild Semiconductor ILC7082AIM525X Datasheet HTML 8Page - Fairchild Semiconductor ILC7082AIM525X Datasheet HTML 9Page - Fairchild Semiconductor ILC7082AIM525X Datasheet HTML 10Page - Fairchild Semiconductor ILC7082AIM525X Datasheet HTML 11Page - Fairchild Semiconductor ILC7082AIM525X Datasheet HTML 12Page - Fairchild Semiconductor ILC7082AIM525X Datasheet HTML 13Page - Fairchild Semiconductor ILC7082AIM525X Datasheet HTML 14Page - Fairchild Semiconductor ILC7082AIM525X Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ILC7082
REV. 1.6.2 11/17/04
11
Typical Performance Characteristics ILC7082
Unless otherwise specified: TA = 25°C, VIN = VOUT(NOM) + 1V, ON/OFF pin tied to VIN
Output Voltage vs Temperature
3.015
3.01
3.005
3
2.995
2.99
COUT = 1µF (Ceramic)
VOUT = 3.0V
2.985
Temperature (°C)
0
50
100
150
-50
Dropout Characteristics
VIN (V)
3.4
3.3
3.2
3.1
3
COUT = 1µF (Ceramic)
VOUT = 3.3V
3
3.2
3.4
3.6
IOUT = 0mA
IOUT = 10mA
IOUT = 50mA
Dropout Voltage vs Temperature
Temperature (°C)
250
200
150
100
50
0
–40
85
25
VOUT = 3.0V
IOUT = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 0mA
250
200
150
100
50
0
0
50
100
150
Dropout Voltage vs IOUT
Output Current (mA)
TA = –40°C
TA = 85°C
TA = 25°C
VOUT = 3.0V
150
125
100
75
50
2
4
6
8
10
12
14
Ground Current vs Input Voltage
VOUT = 3.0 V
COUT = 1µF (Ceramic)
IOUT = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 10mA
IOUT = 0mA
VIN (V)
Line Transient Response
5µs/div
6
5
4
3.01
3.00
2.99
2.98
VIN: tr/tf < 1 µs
VOUT = 3.0V
COUT = 2.2 µF (Ceramic)
IOUT = 100 mA
IOUT = 100mA
IOUT = 150mA


Similar Part No. - ILC7082AIM525X

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7082AIM5-30 IMPALA-ILC7082AIM5-30 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
More results

Similar Description - ILC7082AIM525X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC7083 FAIRCHILD-ILC7083 Datasheet
472Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
logo
Impala Linear Corporati...
ILC7082 IMPALA-ILC7082 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Analog Microelectronics
AME8852A AME-AME8852A_16 Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852 AME-AME8852_16 Datasheet
339Kb / 23P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
logo
Analog Microelectronics
AME8852 AME-AME8852 Datasheet
205Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com