Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE5271A Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE5271A
Description  50 Watt Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5271A Datasheet(HTML) 3 Page - NTE Electronics

  NTE5271A Datasheet HTML 1Page - NTE Electronics NTE5271A Datasheet HTML 2Page - NTE Electronics NTE5271A Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristics (Cont’d): (TC = +30°C, unless otherwise specified)
Nominal
Zener
Maximum Dynamic
Impedance
(Note 3)
Maximum
Typical
Maximum
NTE Type
Number
Zener Voltage
Vz @ Izt
(Note 2)
Test
Current
(Izt)
Zzt @ Izt
Zzk @
1mA (Izk)
DC Zener
Current
(Izm)
Temperature
Coefficient
αvz
Leakage
Current
IR @ VR
Volts
mA
Ohms
Ohms
mA
%/
°C
µA
Volts
NTE5282A
75.0
170
9.00
150
540
0.090
10
56.0
NTE5283A
82.0
150
11.00
160
490
0.090
10
62.2
NTE5284A
91.0
140
15.00
180
420
0.090
10
69.2
NTE5285A
100.0
120
20.00
200
400
0.090
10
76.0
NTE5286A
105.0
120
25.00
210
380
0.095
10
83.0
NTE5287A
110.0
110
30.00
220
365
0.095
10
83.0
NTE5288A
120.0
100
40.00
240
335
0.095
10
91.2
NTE5289A
130.0
95
50.00
275
310
0.095
10
99.8
NTE5290A
140.0
90
60.00
325
290
0.095
10
114.0
NTE5291A
150.0
85
75.00
400
270
0.095
10
114.0
NTE5292A
160.0
80
80.00
450
250
0.095
10
121.6
NTE5293A
175.0
70
85.00
500
230
0.095
10
121.6
NTE5294A
180.0
68
90.00
525
220
0.095
10
136.8
NTE5295A
190.0
66
95.00
561
210
0.098
10
144.4
NTE5296A
200.0
65
100.00
600
200
0.100
10
152.0
Note 2. Zener Voltage (Vz) is measured with junction in thermal equilibrium with 30°C stud temperature.
Note 3.The zener impedance is derived from the 60 cycle A.C. voltage, which results when an AC
current having an RMS value equal to 10% of the DC zener current (IZT or IZK) is superim-
posed on IZT or IZK. Zener impedance is measured at 2 points to insure a sharp knee on the
breakdown curve and to eliminate unstable units.
.687
(17.4)
Max
.453
(11.5)
Max
1.288
(32.71)
Max
.450
(11.4)
Max
.200 (5.08) Max
1/4–28 UNF–2A
.140 (3.65) Dia Max
.667 (16.9) Dia Max
.375 (9.55) Max


Similar Part No. - NTE5271A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE52 NTE-NTE52 Datasheet
25Kb / 3P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE5200A NTE-NTE5200A Datasheet
32Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5201A NTE-NTE5201A Datasheet
32Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5202A NTE-NTE5202A Datasheet
32Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5203A NTE-NTE5203A Datasheet
32Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
More results

Similar Description - NTE5271A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N2804B MICROSEMI-1N2804B_10 Datasheet
201Kb / 6P
   50 WATT ZENER DIODES
1N2846B MICROSEMI-1N2846B Datasheet
236Kb / 4P
   50 Watt Zener Diodes
1N4553A MICROSEMI-1N4553A Datasheet
380Kb / 3P
   50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N2804 MICROSEMI-1N2804 Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
logo
NTE Electronics
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com