Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1146 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1146
Description  Multichannel, True-Differential, Serial, 14-Bit ADCs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1146 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1146 Datasheet HTML 1Page - Maxim Integrated Products MAX1146 Datasheet HTML 2Page - Maxim Integrated Products MAX1146 Datasheet HTML 3Page - Maxim Integrated Products MAX1146 Datasheet HTML 4Page - Maxim Integrated Products MAX1146 Datasheet HTML 5Page - Maxim Integrated Products MAX1146 Datasheet HTML 6Page - Maxim Integrated Products MAX1146 Datasheet HTML 7Page - Maxim Integrated Products MAX1146 Datasheet HTML 8Page - Maxim Integrated Products MAX1146 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Multichannel, True-Differential,
Serial, 14-Bit ADCs
_______________________________________________________________________________________
5
Note 1: Tested at VDD = 3.0V (MAX1147/MAX1149) or 5.0V(MAX1146/MAX1148); VCOM = 0; unipolar single-ended input mode.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has
been calibrated.
Note 3: Offset nulled. Measured with external reference.
Note 4: “On” channel grounded; full-scale 1kHz sine wave applied to all “off” channels.
Note 5: Conversion time defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle. (See
Figures 8–11.)
Note 6: The common-mode range for the analog inputs is from AGND to VDD.
Note 7: Digital inputs equal VDD or DGND.
Note 8: External load should not change during conversion for specified accuracy.
Note 9: Measured as (VFS x 3.6V) - (VFS x 2.7V) for the MAX1147/MAX1149 and (VFS x 5.25V) - (VFS x 4.75V) for the
MAX1146/MAX1148. VDD = 3.6V to 2.7V for MAX1147/MAX1149 and VDD = 5.25V to 4.75V for the MAX1146/MAX1148.
TIMING CHARACTERISTICS
(VDD = 4.75V to 5.25V (MAX1146/MAX1148), VDD = 2.7V to 3.6V (MAX1147/MAX1149), SHDN = VDD, VCOM = 0, fSCLK = 2.1MHz,
external clock (50% duty cycle), 18 clocks/conversion (116ksps), VREFADJ = VDD, CREF = 2.2µF, external +4.096V reference at REF
for the MAX1146/MAX1148, external 2.500V reference at REF for the MAX1147/MAX1149, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Figures 1, 2, and 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIN to SCLK Setup Time
tDS
50
ns
DIN to SCLK Hold Time
tDH
0ns
SCLK Fall to Output Data Valid
tDOV
CLOAD = 50pF
10
80
ns
CS Fall to DOUT Enable
tDOE
CLOAD = 50pF
120
ns
CS Rise to DOUT Disable
tDOD
CLOAD = 50pF
120
ns
SHDN Rise CS Fall to SCLK Rise
Time
tCSS
50
ns
SHDN Rise CS Fall to SCLK Rise
Hold Time
tCSH
50
ns
External clock mode
0.1
2.1
SCLK Clock Frequency
fSCLK
Internal clock mode
0
2.1
MHz
SCLK Pulse-Width High
tCH
Internal clock mode
100
ns
SCLK Pulse-Width Low
tCL
Internal clock mode
100
ns
CS Fall to SSTRB Output Enable
tSTE
External clock mode only
120
ns
CS Rise to SSTRB Output Disable
tSTD
External clock mode only
120
ns
SSTRB Rise to SCLK Rise
tSCK
Internal clock mode only
0
ns
SCLK Fall to SSTRB Edge
tSCST
80
ns
CS Pulse Width
tCSW
100
ns


Similar Part No. - MAX1146

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1146BCUP MAXIM-MAX1146BCUP Datasheet
290Kb / 25P
   Multichannel, True-Differential, Serial, 14-Bit ADCs
2007
MAX1146BEUP MAXIM-MAX1146BEUP Datasheet
290Kb / 25P
   Multichannel, True-Differential, Serial, 14-Bit ADCs
2007
MAX1146 MAXIM-MAX1146_V01 Datasheet
290Kb / 25P
   Multichannel, True-Differential, Serial, 14-Bit ADCs
2007
More results

Similar Description - MAX1146

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1146 MAXIM-MAX1146_V01 Datasheet
290Kb / 25P
   Multichannel, True-Differential, Serial, 14-Bit ADCs
2007
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1072 MAXIM-MAX1072 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1274 MAXIM-MAX1274 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 1/04
MAX1224 MAXIM-MAX1224 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070_09 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com