Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3160E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3160E
Description  5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3160E Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3160E Datasheet HTML 1Page - Maxim Integrated Products MAX3160E Datasheet HTML 2Page - Maxim Integrated Products MAX3160E Datasheet HTML 3Page - Maxim Integrated Products MAX3160E Datasheet HTML 4Page - Maxim Integrated Products MAX3160E Datasheet HTML 5Page - Maxim Integrated Products MAX3160E Datasheet HTML 6Page - Maxim Integrated Products MAX3160E Datasheet HTML 7Page - Maxim Integrated Products MAX3160E Datasheet HTML 8Page - Maxim Integrated Products MAX3160E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
±15kV ESD-Protected, +3.0V to +5.5V, 10nA,
RS-232/RS-485/RS-422 Multiprotocol Transceivers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3V to +5.5V, C1–C4 = 0.1µF when tested at +3.3V ±10%; C1 = 0.047µF and C2, C3, C4 = 0.33µF when tested at +5V±10%;
TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RS-232 RECEIVER INPUTS (R1IN, R2IN)
Input Voltage Range
-25
+25
V
Logic-Input Low
0.8
VCC = +3.3V
2.0
Logic-input High
VCC = +5V
2.4
V
Input Hysteresis
0.5
V
VCC = +3.0V to 5.5V
3
5
7
Input Resistance
VCC = 0
6
11
16
k
RS-485/RS-422 RECEIVER INPUTS (Note 3)
MAX3160E
48
Input Resistance
RIN
-7V < VCM < +12V
MAX3161E/
MAX3162E
96
k
VCM = +12V
0.25
MAX3160E
VCM = -7V
-0.15
VCM = +12V
0.125
Input Current
IIN
MAX3161E/MAX3162E
VCM = -7V
-0.075
mA
Input Differential Threshold
VTH
-7V
≤ VCM ≤ +12V
-200
-50
mV
Input Hysteresis
∆VTH
30
mV
RS-232 TRANSMITTER OUTPUTS (T1OUT, T2OUT)
Output Voltage Swing
Both transmitter outputs loaded with 3k
to GND
±5
±5.4
V
Output Resistance
VCC = V+ = V- = 0, T_OUT = ±2V
300
10M
Output Short-Circuit Current
ISC
T_OUT = GND
±30
±60
mA
MAX3160E
±125
MAX3161E
±25
Output Leakage Current
IO
VOUT =
±9V
TE232 = GND or
SHDN =
GND
MAX3162E
±25
µA
RS-485/RS-422 TRANSMITTER OUTPUTS (Y, Z)
R = 27
(RS-485)
1.5
Differential Output Voltage
VOD
Figure 1
R = 50
(RS-422)
2
V
Change in Magnitude of
Differential Output Voltage for
Complementary Output States
|
∆VOD|
R = 27
Ω or 50Ω, Figure 1
0.2
V
Common-Mode Output Voltage
VOC
R = 27
Ω or 50Ω, Figure 1
3
V
Change in Magnitude of
Common-Mode Output Voltage
for Complementary Output
States
|
∆VOC|
R = 27
Ω or 50Ω, Figure 1
0.2
V


Similar Part No. - MAX3160E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3160EAP MAXIM-MAX3160EAP Datasheet
358Kb / 23P
   3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Rev 1; 9/00
MAX3160EAP++ MAXIM-MAX3160EAP+ Datasheet
456Kb / 23P
   3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
MAX3160EAP++ MAXIM-MAX3160EAP+ Datasheet
356Kb / 23P
   3.0V to5.5V, 1關A, RS-232/ RS-485/422 Multiprotocol Transceivers
19-1722; Rev 3; 5/15
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
More results

Similar Description - MAX3160E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160 MAXIM-MAX3160_09 Datasheet
456Kb / 23P
   3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
MAX3160 MAXIM-MAX3160 Datasheet
358Kb / 23P
   3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Rev 1; 9/00
MAX3160 MAXIM-MAX3160_V01 Datasheet
356Kb / 23P
   3.0V to5.5V, 1關A, RS-232/ RS-485/422 Multiprotocol Transceivers
19-1722; Rev 3; 5/15
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Exar Corporation
XR33052 EXAR-XR33052_17 Datasheet
761Kb / 20P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152 EXAR-XR33152_17 Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33156IDEVB EXAR-XR33156IDEVB Datasheet
631Kb / 19P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com