Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6893 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6893
Description  Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6893 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6893 Datasheet HTML 2Page - Maxim Integrated Products MAX6893 Datasheet HTML 3Page - Maxim Integrated Products MAX6893 Datasheet HTML 4Page - Maxim Integrated Products MAX6893 Datasheet HTML 5Page - Maxim Integrated Products MAX6893 Datasheet HTML 6Page - Maxim Integrated Products MAX6893 Datasheet HTML 7Page - Maxim Integrated Products MAX6893 Datasheet HTML 8Page - Maxim Integrated Products MAX6893 Datasheet HTML 9Page - Maxim Integrated Products MAX6893 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Pin-Selectable, Octal/Hex/Quad, Power-Supply
Sequencers/Supervisors
6
_______________________________________________________________________________________
100
10
1
1000
MAXIMUM IN_ TRANSIENT
vs. IN_ THRESHOLD OVERDRIVE
IN_ THRESHOLD OVERDRIVE (mV)
25
50
75
100
125
150
175
200
0
PG_ ASSERTION OCCURS
OUTPUT VOLTAGE LOW
vs. SINK CURRENT
ISINK (mA)
13 14
12
10 11
3456789
12
50
100
150
200
250
300
350
400
450
500
0
015
1.85
1.90
1.95
2.00
2.10
2.05
2.15
2.20
1.80
MR TO RESET PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-40
85
RESET TIMEOUT PERIOD vs. CSRT
CSRT (nF)
100
10
1
1
10
100
1000
10,000
0.1
0.1
1000
WATCHDOG TIMEOUT PERIOD vs. CSWT
CSWT (nF)
100
10
1
1
10
100
1000
10,000
0.1
0.1
1000
Typical Operating Characteristics (continued)
(VIN1 = VIN6–VIN8 = GND, VIN2–VIN5 = 2.7V to 5.5V, WDI = GND, TH0–TH4 = MARGIN = MR = DBP. Typical values are at TA = +25°C.)


Similar Part No. - MAX6893

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6893ETI MAXIM-MAX6893ETI Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
More results

Similar Description - MAX6893

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6870 MAXIM-MAX6870 Datasheet
612Kb / 51P
   EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6880 MAXIM-MAX6880 Datasheet
422Kb / 19P
   Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
logo
Renesas Technology Corp
ISL70321SEH RENESAS-ISL70321SEH Datasheet
1Mb / 26P
   Radiation Hardened Quad Power Supply Sequencers
Jul 30, 2021
logo
Maxim Integrated Produc...
MAX6877 MAXIM-MAX6877 Datasheet
307Kb / 24P
   Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors
Rev 0; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com