Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1149BEUP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1149BEUP
Description  Multichannel, True-Differential, Serial, 14-Bit ADCs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1149BEUP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1149BEUP Datasheet HTML 1Page - Maxim Integrated Products MAX1149BEUP Datasheet HTML 2Page - Maxim Integrated Products MAX1149BEUP Datasheet HTML 3Page - Maxim Integrated Products MAX1149BEUP Datasheet HTML 4Page - Maxim Integrated Products MAX1149BEUP Datasheet HTML 5Page - Maxim Integrated Products MAX1149BEUP Datasheet HTML 6Page - Maxim Integrated Products MAX1149BEUP Datasheet HTML 7Page - Maxim Integrated Products MAX1149BEUP Datasheet HTML 8Page - Maxim Integrated Products MAX1149BEUP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Multichannel, True-Differential,
Serial, 14-Bit ADCs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V (MAX1146/MAX1148), VDD = 3.3V (MAX1147/MAX1149), SHDN = VDD, VCOM = 0, fSCLK = 2.1MHz, external clock (50%
duty cycle), 18 clocks/conversion (116ksps), VREFADJ = VDD, CREF = 2.2µF, external +4.096V reference at REF (MAX1146/
MAX1148), external 2.500V reference at REF (MAX1147/MAX1149), TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
18 clocks/conversion
60.3
Internal clock mode,
fSCLK = 2.1MHz
24 clocks/conversion
51.5
18 clocks/conversion
116.66
Throughput Rate
fSAMPLE
External clock mode,
fSCLK = 2.1MHz
24 clocks/conversion
87.50
ksps
T/H Acquisition Time
tACQ
1.4
µs
Aperture Delay
tAD
20
ns
Aperture Jitter
tAJ
<50
ps
External clock mode
0.1
2.1
Serial Clock Frequency
fSCLK
Internal clock mode
0
2.1
MHz
Internal Clock Frequency
2.1
MHz
ANALOG INPUTS (CH0–CH7, COM)
Unipolar, COM = 0
0
VREF
Input Voltage Range, Single-
Ended and Differential (Note 6)
Bipolar, COM = VREF / 2, single-ended
±VREF / 2
V
Multiplexer Leakage Current
On/off-leakage current, VCH_ = 0 to VDD
±0.01
±1
µA
Input Capacitance
18
pF
INTERNAL REFERENCE (CREF = 2.2µF, CREFADJ = 0.01µF)
MAX1147/MAX1149, TA = +25°C
2.480
2.500
2.520
REF Output Voltage
VREF
MAX1146/MAX1148, TA = +25°C
4.076
4.096
4.116
V
REF Short-Circuit Current
IREFSC
REF = DGND
20
mA
MAX114_ BC _ _
±30
±50
VREF Tempco (Note 7)
MAX114_ BE _ _
±40
±60
ppm/°C
Load Regulation
0 to 0.2mA output load (Note 8)
2.0
mV
Capacitive Bypass at REF
2µF
Capacitive Bypass at REFADJ
0.01
µF
REFADJ Output Voltage
1.250
V
REFADJ Input Range
±18
mV
REFADJ Logic High
Pull REFADJ high to disable the internal
bandgap reference and reference buffer
VDD -
0.25V
V
MAX1147/MAX1149
2.000
Reference Buffer Voltage Gain
MAX1146/MAX1148
3.277
V/V


Similar Part No. - MAX1149BEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1149BEUP MAXIM-MAX1149BEUP Datasheet
290Kb / 25P
   Multichannel, True-Differential, Serial, 14-Bit ADCs
2007
More results

Similar Description - MAX1149BEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1146 MAXIM-MAX1146_V01 Datasheet
290Kb / 25P
   Multichannel, True-Differential, Serial, 14-Bit ADCs
2007
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1072 MAXIM-MAX1072 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1274 MAXIM-MAX1274 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 1/04
MAX1224 MAXIM-MAX1224 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070_09 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com