Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1148 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1148
Description  Multichannel, True-Differential, Serial, 14-Bit ADCs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1148 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1148 Datasheet HTML 6Page - Maxim Integrated Products MAX1148 Datasheet HTML 7Page - Maxim Integrated Products MAX1148 Datasheet HTML 8Page - Maxim Integrated Products MAX1148 Datasheet HTML 9Page - Maxim Integrated Products MAX1148 Datasheet HTML 10Page - Maxim Integrated Products MAX1148 Datasheet HTML 11Page - Maxim Integrated Products MAX1148 Datasheet HTML 12Page - Maxim Integrated Products MAX1148 Datasheet HTML 13Page - Maxim Integrated Products MAX1148 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Multichannel, True-Differential,
Serial, 14-Bit ADCs
10
______________________________________________________________________________________
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
-4
-2
0
2
4
6
-6
-40
85
Typical Operating Characteristics (continued)
(VDD = +5.0V (MAX1146/MAX1148), VDD = +3.3V (MAX1147/MAX1149), SHDN = VDD, VCOM = 0, fSCLK = 2.1MHz, external clock
(50% duty cycle), 18 clocks/conversion (116ksps), VREFADJ = VDD, external +4.096V reference at REF (MAX1146/MAX1148), exter-
nal +2.500V reference at REF (MAX1147/MAX1149), CREF = 2.2µF, CLOAD = 50pF, TA = +25°C, unless otherwise noted.)
CHANNEL-TO-CHANNEL OFFSET MATCHING
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
-4
-2
0
2
4
6
-6
-40
85
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
-4
-2
0
2
4
6
-6
-40
85
CHANNEL-TO-CHANNEL OFFSET MATCHING
vs. SUPPLY VOLTAGE (MAX1147/MAX1149)
SUPPLY VOLTAGE (V)
3.3
3.0
-4
-2
0
2
4
6
-6
2.7
3.6
CHANNEL-TO-CHANNEL OFFSET MATCHING
vs. SUPPLY VOLTAGE (MAX1146/MAX1148)
SUPPLY VOLTAGE (V)
5.15
5.05
4.85
4.95
-4
-2
0
2
4
6
-6
4.75
5.25
CHANNEL-TO-CHANNEL GAIN MATCHING
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
-4
-2
0
2
4
6
-6
-40
85


Similar Part No. - MAX1148

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1148BCUP MAXIM-MAX1148BCUP Datasheet
290Kb / 25P
   Multichannel, True-Differential, Serial, 14-Bit ADCs
2007
MAX1148BEUP MAXIM-MAX1148BEUP Datasheet
290Kb / 25P
   Multichannel, True-Differential, Serial, 14-Bit ADCs
2007
More results

Similar Description - MAX1148

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1146 MAXIM-MAX1146_V01 Datasheet
290Kb / 25P
   Multichannel, True-Differential, Serial, 14-Bit ADCs
2007
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1072 MAXIM-MAX1072 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1274 MAXIM-MAX1274 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 1/04
MAX1224 MAXIM-MAX1224 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070_09 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com