Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9702 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9702
Description  1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9702 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9702 Datasheet HTML 4Page - Maxim Integrated Products MAX9702 Datasheet HTML 5Page - Maxim Integrated Products MAX9702 Datasheet HTML 6Page - Maxim Integrated Products MAX9702 Datasheet HTML 7Page - Maxim Integrated Products MAX9702 Datasheet HTML 8Page - Maxim Integrated Products MAX9702 Datasheet HTML 9Page - Maxim Integrated Products MAX9702 Datasheet HTML 10Page - Maxim Integrated Products MAX9702 Datasheet HTML 11Page - Maxim Integrated Products MAX9702 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
1.8W, Filterless, Stereo, Class D Audio Power
Amplifier and DirectDrive Stereo Headphone Amplifier
8
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = PVDD = SHDN = 3.3V, GND = PGND = 0V, SYNC = VDD (SSM), speaker gain = 12dB.)
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (SPEAKER MODE)
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
OUTPUT POWER = 1.6W
VDD = 5V
RL = 4Ω
OUTPUT POWER = 200mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (SPEAKER MODE)
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
OUTPUT POWER = 800mW
VDD = 5V
RL = 8Ω
OUTPUT POWER = 200mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (SPEAKER MODE)
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
OUTPUT POWER = 400mW
VCC = 3.3V
RL = 4Ω
OUTPUT POWER = 100mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (SPEAKER MODE)
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
OUTPUT POWER = 400mW
VCC = 3.3V
RL = 8Ω
OUTPUT POWER = 100mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (SPEAKER MODE)
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
FFM
SSM
VDD = 5V
RL = 8Ω
POUT = 800mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER (SPEAKER MODE)
OUTPUT POWER (W)
2.0
1.5
1.0
0.5
0.1
1
10
100
0.01
0
2.5
VDD = 5V
RL = 4Ω
fIN = 20Hz
fIN = 1kHz
fIN = 10kHz
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER (SPEAKER MODE)
OUTPUT POWER (mW)
1200
900
600
300
0.1
1
10
100
0.01
01500
VDD = 5V
RL = 8Ω
fIN = 20Hz
fIN = 1kHz
fIN = 10kHz
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER (SPEAKER MODE)
OUTPUT POWER (mW)
800
600
400
200
0.1
1
10
100
0.01
01000
VDD = 3.3V
RL = 4Ω
fIN = 1kHz
fIN = 20Hz
fIN = 10kHz
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER (SPEAKER MODE)
OUTPUT POWER (mW)
0.1
1
10
100
0.01
600
500
400
300
200
100
0
700
VDD = 3.3V
RL = 8Ω
fIN = 10kHz
fIN = 20Hz
fIN = 1kHz


Similar Part No. - MAX9702

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX970 MAXIM-MAX970 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
MAX9700 MAXIM-MAX9700 Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9700 MAXIM-MAX9700 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
More results

Similar Description - MAX9702

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9779 MAXIM-MAX9779 Datasheet
540Kb / 19P
   2.6W Stereo Audio Power Amplifier and DirectDrive Headphone Amplifier
Rev 0; 7/05
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9773 MAXIM-MAX9773 Datasheet
603Kb / 21P
   1.8W, Filterless, Ultra-Low EMI, Stereo Class D Audio Power Amplifier
19-3976; Rev 0; 1/06
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
MAX9701 MAXIM-MAX9701 Datasheet
1Mb / 21P
   1.3W, Filterless, Stereo Class D Audio Power Amplifier
Rev 0; 6/05
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI-LM4674A_15 Datasheet
804Kb / 19P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com