Electronic Components Datasheet Search |
|
MAX9759ETE+ Datasheet(PDF) 7 Page - Maxim Integrated Products |
|
MAX9759ETE+ Datasheet(HTML) 7 Page - Maxim Integrated Products |
7 / 20 page 3.2W, High Efficiency, Low-EMI, Filterless, Class D Audio Amplifier _______________________________________________________________________________________ 7 TOTAL HARMONIC DISTORTION PLUS NOISE vs. COMMON-MODE VOLTAGE COMMON-MODE VOLTAGE (V) 3 2 1 0.01 0.1 1 10 100 0.001 04 VDD = 5V RL = 8 Ω fIN = 1kHz POUT = 300mW DIFF INPUT VDD = 5V RL = 8 Ω fIN = 1kHz POUT = 300mW DIFF INPUT VDD = 3.3V RL = 8 Ω fIN = 1kHz POUT = 300mW DIFF INPUT Typical Operating Characteristics (continued) (VDD = PVDD = SHDN = MUTE = 5V, GND = PGND = 0V, SYNC = VDD (SSM), unless otherwise noted. Gain = 12dB (G1 = 0, G2 = 1). THD+N measurement bandwidth: 22Hz to 22kHz. Typical values are at TA = +25°C.) (See Typical Operating Circuit) OUTPUT POWER vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) 5.5 5.0 3.5 4.0 4.5 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0 3.0 RL = 4 Ω fIN = 1kHz THD+N = 10% THD+N = 1% OUTPUT POWER vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) 5.5 5.0 4.5 4.0 3.5 0.5 1.0 1.5 2.0 2.5 0 3.0 RL = 8 Ω fIN = 1kHz THD+N = 10% THD+N = 1% OUTPUT POWER vs. LOAD RESISTANCE LOAD RESISTANCE ( Ω) 10 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0 1 100 VDD = 5V fIN = 1kHz 10% THD+N 1% THD+N OUTPUT POWER vs. LOAD RESISTANCE LOAD RESISTANCE ( Ω) 10 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 1 100 VDD = 3.3V fIN = 1kHz 10% THD+N 1% THD+N TOTAL HARMONIC DISTORTION PLUS NOISE vs. COMMON-MODE VOLTAGE COMMON-MODE VOLTAGE (V) 3 2 1 0.01 0.1 1 10 100 0.001 04 VDD = 5V RL = 8 Ω fIN = 1kHz POUT = 300mW DIFF INPUT |
Similar Part No. - MAX9759ETE+ |
|
Similar Description - MAX9759ETE+ |