Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

139RPFS Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 139RPFS
Description  Quad Comparators, Low Offset Voltage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

139RPFS Datasheet(HTML) 1 Page - Maxwell Technologies

  139RPFS Datasheet HTML 1Page - Maxwell Technologies 139RPFS Datasheet HTML 2Page - Maxwell Technologies 139RPFS Datasheet HTML 3Page - Maxwell Technologies 139RPFS Datasheet HTML 4Page - Maxwell Technologies 139RPFS Datasheet HTML 5Page - Maxwell Technologies 139RPFS Datasheet HTML 6Page - Maxwell Technologies 139RPFS Datasheet HTML 7Page - Maxwell Technologies 139RPFS Datasheet HTML 8Page - Maxwell Technologies 139RPFS Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
Quad Comparators,
139
©2001 Maxwell Technologies
All rights reserved.
Low Offset Voltage
12.13.01 Rev1
1000522
FEATURES:
• Rad-Pak® technology-hardened against natural space
radiation
• Total dose hardness:
- >100 krad (Si), depending upon orbit and space mission
• Single Event Effects:
- SEL > 59.8 MeV/mg/cm2
• Package:
• - 14 pin Rad-Pak® flat package
• Wide supply voltage range
- 2 VDC to 36 VDC or ±1 VDC to ±18 VDC
• Very low supply current drain:
- (0.8 mA) - independent of supply voltage
• Low input biasing current: 25 nA
• Differential input voltage range equal to the power supply
voltage
• Low output saturation voltage: 250 mV at 4 mA
• Power drain suitable for battery operation
• Allows sensing near GND
• Eliminates need for dual supplies
• Output voltage compatible with TTL, DTL, ECL, MOS and
CMOS logic systems
• Low input offset current and offset voltage:
- +5 nA, +3 mV
DESCRIPTION:
Maxwell Technologies 139 consisting of four independent pre-
cision voltage comparators, features a greater than 100 krad
(Si) total dose tolerance, depending upon space mission.
Using Maxwell Technologies radiation- hardened Rad-Pak®
packaging technology, the 139 has an offset voltage specifica-
tion as low as 2 mV max for all four comparators. The 139
was also designed specifically to operate from a single power
supply over a wide range of voltages. Operation from split
power supplies is possible and the low power supply current
drain is independent of the magnitude of the power supply
voltage. These comparators also have a unique characteristic
in that the input common-mode voltage range includes
ground, even though operated from a single power supply
voltage.
Maxwell Technologies' patented RAD-PAK packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK provides greater than 100
krad (Si) radiation dose tolerance. This product is available
with screening up to Class S.
Logic Diagram


Similar Part No. - 139RPFS

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
139RPFS MAXWELL-139RPFS Datasheet
157Kb / 9P
   Quad Comparators, Low Offset Voltage
139RPFS MAXWELL-139RPFS_08 Datasheet
157Kb / 9P
   Quad Comparators, Low Offset Voltage
More results

Similar Description - 139RPFS

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
139RPFS MAXWELL-139RPFS_08 Datasheet
157Kb / 9P
   Quad Comparators, Low Offset Voltage
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AZ339 BCDSEMI-AZ339_06 Datasheet
173Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com