Electronic Components Datasheet Search |
|
MB90P673 Datasheet(PDF) 6 Page - Fujitsu Component Limited. |
|
MB90P673 Datasheet(HTML) 6 Page - Fujitsu Component Limited. |
6 / 106 page MB90670/675 Series 6 • MB90675 series (Continued) Part number Item MB90676 MB90677 MB90678 MB90T678 MB90P678 MB90V670 Classification Mask ROM products External ROM product One-time PROM product Evaluation product ROM size 32 Kbytes 48 Kbytes 64 Kbytes None 64 Kbytes — RAM size 1.64 Kbytes 2 Kbytes 3 Kbytes 4 Kbytes CPU functions The number of instructions: Instruction bit length: Instruction length: Data bit length: Minimum execution time: Interrupt processing time: 340 8 bits, 16 bits 1 byte to 7 bytes 1 bit, 8 bits, 16 bits 62.5 ns (at machine clock of 16 MHz) 1.5 µs (at machine clock of 16 MHz, minimum value) Ports General-purpose I/O ports (CMOS output): 74 General-purpose I/O ports (N-ch open-drain output): 10 Total: 84 UART0 Clock synchronized transmission (500 Kbps to 2 Mbps) Clock asynchronized transmission (4800 Kbps to 500 Kbps) Transmission can be performed by bi-directional serial transmission or by master/slave connection. UART1 (SCI) Clock synchronized transmission (500 Kbps to 2 Mbps) Clock asynchronized transmission (2400 Kbps to 62500 bps) Transmission can be performed by bi-directional serial transmission or by master/slave connection. 8/10-bit A/D con- verter Conversion precision: 10-bit or 8-bit can be selectively used. Number of inputs: 8 One-shot conversion mode (converts selected channel only once) Continuous conversion mode (converts selected channel continuously) Stop conversion mode (converts selected channel and stop operation repeatedly) 8/16-bit PPG timer Number of channels: 2 PPG operation of 8-bit or 16-bit Pulse of given intervals and given duty ratios can be output Pulse interval 125 ns to 16.78 s (at oscillation of 4 MHz, machine clock of 16 MHz) 16-bit reload timer Number of channels: 2 16-bit reload timer operation Interval: 125 ns to 131 ms (at machine clock of 16 MHz) External event count can be performed. 24-bit free run timer Number of channel :1 Overflow interrupts or intermediate bit interrupts may be generated. Output compare (OCU) Number of channels: 8 Pin input factor: a match signal of compare register |
Similar Part No. - MB90P673 |
|
Similar Description - MB90P673 |