Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2530 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS2530
Description  Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2530 Datasheet(HTML) 1 Page - ON Semiconductor

  NCS2530 Datasheet HTML 1Page - ON Semiconductor NCS2530 Datasheet HTML 2Page - ON Semiconductor NCS2530 Datasheet HTML 3Page - ON Semiconductor NCS2530 Datasheet HTML 4Page - ON Semiconductor NCS2530 Datasheet HTML 5Page - ON Semiconductor NCS2530 Datasheet HTML 6Page - ON Semiconductor NCS2530 Datasheet HTML 7Page - ON Semiconductor NCS2530 Datasheet HTML 8Page - ON Semiconductor NCS2530 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2005
June, 2005 − Rev. 0
1
Publication Order Number:
NCS2530/D
NCS2530
Triple 1.1 mA 200 MHz
Current Feedback Op Amp
with Enable Feature
NCS2530 is a triple 1.1 mA 200 MHz current feedback monolithic
operational amplifier featuring high slew rate and low differential gain
and phase error. The current feedback architecture allows for a
superior bandwidth and low power consumption. This device features
an enable pin.
Features
−3.0 dB Small Signal BW (AV = +2.0, VO = 0.5 Vp−p) 200 MHz Typ
Slew Rate 450 V/ms
Supply Current 1.1 mA per amplifier
Input Referred Voltage Noise 4.0 nV/ Hz
THD −55 dB (f = 5.0 MHz, VO = 2.0 Vp−p)
Output Current 100 mA
Enable Pin Available
These devices are manufactured with a Pb−Free external lead
finish only.**
Applications
Portable Video
Line Drivers
Radar/Communication Receivers
Set Top Box
NTSC/PAL/HDTV
Figure 1. Frequency Response:
Gain (dB) vs. Frequency Av = +2.0, RL = 100 W
2
1
−1
−2
−3
−4
−6
0.01
1
100
1000
FREQUENCY (MHz)
0
−5
3
VS = ±5V
VOUT = 0.7V
Gain = +2
RF = 1.2kW
RL = 100W
VS = ±5V
VOUT = 0.5V
VS = ±2.5V
VOUT = 2.0V
VS = ±5V
VOUT = 2.0V
VS = ±2.5V
VOUT = 0.7V
VS = ±2.5V
VOUT = 0.5V
0.1
10
MARKING
DIAGRAM
TSSOP−16
DT SUFFIX
CASE 948F
2530 = NCS2530
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
http://onsemi.com
1
2
3
4
−IN1
+IN1
VEE
−IN2
EN1
OUT1
VCC
EN2
(Top View)
TSSOP−16 PINOUT
+
16
1
NCS
2530
ALYW
5
6
7
8
+IN2
VEE
+IN3
−IN3
10
9
OUT2
VCC
OUT3
EN3
11
12
13
14
15
16
+
+
Device
Package
Shipping†
ORDERING INFORMATION
TSSOP−16*
96 Units/Rail
NCS2530DTB
TSSOP−16* 2500 Tape & Reel
NCS2530DTBR2
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
*This package is inherently Pb−Free.
** For additional information on our Pb−Free
strategy and soldering details, please download
the ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com


Similar Part No. - NCS2530

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2530 ONSEMI-NCS2530 Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530 ONSEMI-NCS2530 Datasheet
3Mb / 4P
   Low Power,High Speed,Current Feedback Op Amps
Rev.1, Apr-2006
NCS2530A ONSEMI-NCS2530A Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530ADG ONSEMI-NCS2530ADG Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530ADR2G ONSEMI-NCS2530ADR2G Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
More results

Similar Description - NCS2530

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2530 ONSEMI-NCS2530_07 Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
NCS2540 ONSEMI-NCS2540 Datasheet
346Kb / 13P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2540 ONSEMI-NCS2540_07 Datasheet
366Kb / 14P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
February, 2007 ??Rev. 2
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2535 ONSEMI-NCS2535_06 Datasheet
233Kb / 13P
   Triple 1.4 GHz Current Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2502 ONSEMI-NCS2502 Datasheet
300Kb / 16P
   650 uA 110 MHz Current Feedback Op Amp with Enable Feature
November, 2005 ??Rev. 2
NCS2510 ONSEMI-NCS2510 Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2552SNT1G ONSEMI-NCS2552SNT1G Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com