Electronic Components Datasheet Search |
|
NCS2530DTB Datasheet(PDF) 4 Page - ON Semiconductor |
|
NCS2530DTB Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 14 page NCS2530 http://onsemi.com 4 AC ELECTRICAL CHARACTERISTICS (VCC = +5.0 V, VEE = −5.0 V, TA = −40°C to +85°C, RL = 100 W to GND, RF = 1.2 kW, AV = +2.0, Enable is left open, unless otherwise specified). Symbol Characteristic Conditions Min Typ Max Unit FREQUENCY DOMAIN PERFORMANCE BW Bandwidth 3.0 dB Small Signal 3.0 dB Large Signal AV = +2.0, VO = 0.5 Vp−p AV = +2.0, VO = 2.0 Vp−p 200 140 MHz GF0.1dB 0.1 dB Gain Flatness Bandwidth AV = +2.0 30 MHz dG Differential Gain AV = +2.0, RL = 150 W, f = 3.58 MHz 0.02 % dP Differential Phase AV = +2.0, RL = 150 W, f = 3.58 MHz 0.1 ° TIME DOMAIN RESPONSE SR Slew Rate AV = +2.0, Vstep = 2.0 V 450 V/ ms ts Settling Time 0.01% 0.1% AV = +2.0, Vstep = 2.0 V AV = +2.0, Vstep = 2.0 V 35 18 ns tr tf Rise and Fall Time (10%−90%) AV = +2.0, Vstep = 2.0 V 5 ns tON Turn−on Time 900 ns tOFF Turn−off Time 500 ns HARMONIC/NOISE PERFORMANCE THD Total Harmonic Distortion f = 5.0 MHz, VO = 2.0 Vp−p, RL = 150 W −55 dBc HD2 2nd Harmonic Distortion f = 5.0 MHz, VO = 2.0 Vp−p −67 dBc HD3 3rd Harmonic Distortion f = 5.0 MHz, VO = 2.0 Vp−p −57 dBc IP3 Third−Order Intercept f = 10 MHz, VO = 2.0 Vp−p 35 dBm SFDR Spurious−Free Dynamic Range f = 5.0 MHz, VO = 2.0 Vp−p 58 dBc eN Input Referred Voltage Noise f = 1.0 MHz 4 nV Hz iN Input Referred Current Noise f = 1.0 MHz, Inverting f = 1.0 MHz, Non−Inverting 15 15 pA Hz |
Similar Part No. - NCS2530DTB |
|
Similar Description - NCS2530DTB |