Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA115EE Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PDTA115EE
Description  PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA115EE Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PDTA115EE Datasheet HTML 6Page - NXP Semiconductors PDTA115EE Datasheet HTML 7Page - NXP Semiconductors PDTA115EE Datasheet HTML 8Page - NXP Semiconductors PDTA115EE Datasheet HTML 9Page - NXP Semiconductors PDTA115EE Datasheet HTML 10Page - NXP Semiconductors PDTA115EE Datasheet HTML 11Page - NXP Semiconductors PDTA115EE Datasheet HTML 12Page - NXP Semiconductors PDTA115EE Datasheet HTML 13Page - NXP Semiconductors PDTA115EE Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2004 Jul 30
11
Philips Semiconductors
Product specification
PNP resistor-equipped transistors;
R1 = 100 k
Ω, R2 = 100 kΩ
PDTA115E series
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
99-09-13
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Similar Part No. - PDTA115EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA115EE NXP-PDTA115EE Datasheet
189Kb / 14P
   PNP resistor-equipped transistors; R1 = 100 k廓, R2 = 100 k廓
2004 Jul 30
logo
Nexperia B.V. All right...
PDTA115EE NEXPERIA-PDTA115EE Datasheet
420Kb / 15P
   NPN resistor-equipped transistors; R1 = 100 kΩ, R2 = 100 kΩ
2004 Aug 06
PDTA115EE NEXPERIA-PDTA115EE Datasheet
422Kb / 15P
   PNP resistor-equipped transistors; R1 = 100 kΩ, R2 = 100 kΩ
2004 Jul 30
logo
NXP Semiconductors
PDTA115EEF NXP-PDTA115EEF Datasheet
189Kb / 14P
   PNP resistor-equipped transistors; R1 = 100 k廓, R2 = 100 k廓
2004 Jul 30
logo
Nexperia B.V. All right...
PDTA115EEF NEXPERIA-PDTA115EEF Datasheet
420Kb / 15P
   NPN resistor-equipped transistors; R1 = 100 kΩ, R2 = 100 kΩ
2004 Aug 06
More results

Similar Description - PDTA115EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB24 NXP-PEMB24_09 Datasheet
80Kb / 11P
   PNP/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
logo
Nexperia B.V. All right...
PEMB24 NEXPERIA-PEMB24 Datasheet
79Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02 - 2 September 2009
logo
NXP Semiconductors
PEMB24_PUMB24 PHILIPS-PEMB24_PUMB24_15 Datasheet
80Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMB24 NXP-PEMB24 Datasheet
80Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMD24 NXP-PEMD24 Datasheet
78Kb / 10P
   NPN/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 01-2 May 2005
PEMD24_PUMD24 PHILIPS-PEMD24_PUMD24_15 Datasheet
78Kb / 10P
   NPN/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 01-2 May 2005
PDTC115E PHILIPS-PDTC115E Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
2004 Aug 06
PEMH24_PUMH24 PHILIPS-PEMH24_PUMH24_15 Datasheet
66Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 04-18 May 2005
PDTA115T NXP-PDTA115T Datasheet
110Kb / 17P
   PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05-2 September 2009
logo
Nexperia B.V. All right...
PDTA115T_SER NEXPERIA-PDTA115T_SER Datasheet
224Kb / 18P
   PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05 - 2 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com