Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74SXT1GU04TE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74SXT1GU04TE
Description  Unbuffered Inverter That Operates over the 1.65V to 5.5V VCC operating range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74SXT1GU04TE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74SXT1GU04TE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74SXT1GU04TE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74SXT1GU04TE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74SXT1GU04TE Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
PS8562C
09/20/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74STX1GU04
SOTinyGate STX
UnbufferedInverter
AC Loading and Waveforms
Figure 1. AC Test Circuit
Figure 2. ICCD Test Circuit
Figure 3. AC Waveforms
CL includes load and stray capacitance
Input PRR = 1.0 MHz; tW = 500ns
Input
RL
CL
VCC
Output
Input
VCC
A
Input = AC Waveform; tr = tf = 1.8ns; PRR = 10MHz; Duty Cycle = 50%
Application
Note:
When
operating
the
PI74STX1GU04A's
unbuffered output stage in its linear region, as in oscillator
applications, the maximum power ratings of the device and package
need to be carefully observed. The high drive design of the out put
stage can cause substantial simultaneous condition currents when
the stage is in its linear region.
See ICCPEAK Specification on page 2.
VOH
GND
Input
Output
tW
tPHL
tr = 3ns
tf = 3ns
tPLH
VOL
50%
50%
50%
50%
90%
90%
10%
10%
VCC
AC Electrical Characteristics
Notes:
3. CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption
(ICCD) at no output loading and operating at 50% duty cycle (see Figure 2). CPD is related to ICCD dynamic operating current by
the expression: ICCD = (CPD)(VCC)(fIN) + (ICC static).
l
o
b
m
y
Sr
e
t
e
m
a
r
a
PV C
C
)
V
(s
n
o
i
t
i
d
n
o
C
TA
C
°
5
2
+
=TA
C
°
5
8
+
o
t
C
°
0
4
=
s
t
i
n
U
.
g
i
F
.
o
N
.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
x
a
M
t H
L
P
,
t L
H
P
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
5
1
.
0
±
8
.
1
2
.
0
±
5
.
2
3
.
0
±
3
.
3
5
.
0
±
0
.
5
CL
,
F
p
5
1
=
RL = 1
m
h
o
M
7
.
0
5
.
0
5
.
0
5
.
0
0
.
5
0
.
3
3
.
2
8
.
1
3
.
6
7
.
3
0
.
3
4
.
2
7
.
0
5
.
0
5
.
0
5
.
0
9
.
6
1
.
4
3
.
3
6
.
2
s
n
1
3
t H
L
P
,
t L
H
P
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
3
.
0
±
3
.
3
5
.
0
±
0
.
5
CL
,
F
p
0
5
=
RL 5
=
0
s
m
h
o
0
5
.
0
5
.
0
2
.
3
6
.
2
5
.
4
4
.
3
5
.
0
5
.
0
0
.
5
7
.
3
1
3
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I0
4
F
p
C D
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
e
c
n
a
ti
c
a
p
a
C
)
3
(
3
.
3
0
.
5
3
.
6
5
.
9
2


Similar Part No. - PI74SXT1GU04TE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74SXT2G08DEX PERICOM-PI74SXT2G08DEX Datasheet
174Kb / 5P
   SOTiny Gate STX Dual 2-Input AND
PI74SXT2G08DX PERICOM-PI74SXT2G08DX Datasheet
174Kb / 5P
   SOTiny Gate STX Dual 2-Input AND
PI74SXT2G08UEX PERICOM-PI74SXT2G08UEX Datasheet
174Kb / 5P
   SOTiny Gate STX Dual 2-Input AND
PI74SXT2G08UX PERICOM-PI74SXT2G08UX Datasheet
174Kb / 5P
   SOTiny Gate STX Dual 2-Input AND
More results

Similar Description - PI74SXT1GU04TE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G08CEX PERICOM-PI74ST1G08CEX Datasheet
365Kb / 5P
   The PI74ST1G08 is a 2-Input AND Gate that operates over the 1.8V to 3.6V VCC operating range.
logo
Guangdong Youtai Semico...
SN74LVC1G125 UMW-SN74LVC1G125 Datasheet
695Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC1G126 UMW-SN74LVC1G126 Datasheet
940Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G14 UMW-SN74LVC2G14_V01 Datasheet
795Kb / 9P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G04 UMW-SN74LVC2G04 Datasheet
721Kb / 8P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC1G00 UMW-SN74LVC1G00 Datasheet
2Mb / 10P
   Low input current: typical value 0.1uA ● Wide operating voltage range: 1.65V to 5.5V
logo
Maxim Integrated Produc...
MAX20334EVKIT MAXIM-MAX20334EVKIT Datasheet
598Kb / 9P
   2.7V to 5.5V Operating Voltage Range
Rev 0; 4/19
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
   3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
MAX20313EVKIT MAXIM-MAX20313EVKIT Datasheet
797Kb / 7P
   2.5V to 5.5V Operating Voltage Range
Rev 0; 12/16
logo
List of Unclassifed Man...
HI-4850 ETC2-HI-4850 Datasheet
1Mb / 14P
   Extended Power Supply Operating Range 3.0V to 5.5V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com