Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5118160DSL Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM5118160DSL
Description  1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5118160DSL Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM5118160DSL Datasheet HTML 2Page - OKI electronic componets MSM5118160DSL Datasheet HTML 3Page - OKI electronic componets MSM5118160DSL Datasheet HTML 4Page - OKI electronic componets MSM5118160DSL Datasheet HTML 5Page - OKI electronic componets MSM5118160DSL Datasheet HTML 6Page - OKI electronic componets MSM5118160DSL Datasheet HTML 7Page - OKI electronic componets MSM5118160DSL Datasheet HTML 8Page - OKI electronic componets MSM5118160DSL Datasheet HTML 9Page - OKI electronic componets MSM5118160DSL Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/16
¡ Semiconductor
MSM5118160D/DSL
AC Characteristics (1/2)
Parameter
MSM5118160
D/DSL-60
MSM5118160
D/DSL-70
MSM5118160
D/DSL-50
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3
Random Read or Write Cycle Time
Read Modify Write Cycle Time
Fast Page Mode Cycle Time
Fast Page Mode Read Modify Write
Cycle Time
Access Time from
RAS
Access Time from
CAS
Access Time from Column Address
Access Time from
CAS Precharge
CAS to Data Output Buffer Turn-off Delay Time
Transition Time
RAS Precharge Time
RAS Pulse Width
RAS Pulse Width (Fast Page Mode)
RAS Hold Time
CAS Pulse Width
CAS Hold Time
RAS to CAS Delay Time
RAS to Column Address Delay Time
CAS to RAS Precharge Time
Row Address Set-up Time
Row Address Hold Time
Column Address Set-up Time
Column Address Hold Time
Column Address to
RAS Lead Time
Read Command Set-up Time
Read Command Hold Time
Read Command Hold Time referenced to
RAS
Access Time from
OE
OE to Data Output Buffer Turn-off Delay Time
Refresh Period
RAS Hold Time referenced to OE
Unit
Min.
Max.
Min.
Max.
RAS Hold Time from CAS Precharge
Symbol
tRC
tRWC
tPC
tPRWC
tRAC
tCAC
tAA
tCPA
tOFF
tT
tRP
tRAS
tRASP
tRSH
tCAS
tCSH
tRCD
tRAD
tCRP
tASR
tRAH
tASC
tCAH
tRAL
tRCS
tRCH
tRRH
tOEA
tOEZ
tREF
tROH
tRHCP
Note
Min.
Max.
Output Low Impedance Time from
CAS
tCLZ
CAS Precharge Time (Fast Page Mode)
tCP
11
4, 5, 6
4, 5
4, 6
4, 12
7
14
5
6
12
11
11
8, 11
8
4
7
4
3
15
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ms
ns
ns
90
131
35
76
0
0
3
30
50
50
13
7
13
50
17
12
5
0
7
0
7
25
0
0
0
0
13
30
50
13
25
30
13
50
10,000
100,000
10,000
37
25
13
13
16
130
185
45
100
0
0
3
50
70
70
20
10
20
70
20
15
5
0
10
0
15
35
0
0
0
0
20
40
70
20
35
40
20
50
10,000
100,000
10,000
50
35
20
20
16
110
155
40
85
0
0
3
40
60
60
15
10
15
60
20
15
5
0
10
0
10
30
0
0
0
0
15
35
60
15
30
35
15
50
10,000
100,000
10,000
45
30
15
15
16
Refresh Period (SL version)
tREF
ms
128
128
128
12


Similar Part No. - MSM5118160DSL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160B OKI-MSM5118160B Datasheet
253Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160F OKI-MSM5118160F Datasheet
173Kb / 15P
   1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM5118160DSL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160B OKI-MSM5118160B Datasheet
253Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160A OKI-MSM51V18160A Datasheet
1Mb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160F OKI-MSM51V16160F Datasheet
228Kb / 16P
   1,048,576-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160A OKI-MSM51V16160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160D OKI-MSM51V18160D Datasheet
469Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160F OKI-MSM51V18160F Datasheet
177Kb / 15P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160 OKI-MSM5116160 Datasheet
568Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160D OKI-MSM51V16160D Datasheet
469Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com