Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D3215 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 3D3215
Description  MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3D3215 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  3D3215 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3D3215 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3D3215 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3D3215 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3D3215
Doc #01014
DATA DELAY DEVICES, INC.
4
12/3/01
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
SILICON DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC
± 3oC
Rload:
10K
Ω ± 10%
Supply Voltage (Vcc):
3.3V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
High = 3.3V
± 0.1V
Threshold:
1.5V (Rising & Falling)
Low = 0.0V
± 0.1V
Source Impedance:
50
Ω Max.
Rise/Fall Time:
3.0 ns Max. (measured
between 0.6V and 2.4V )
Pulse Width:
PWIN = 1.5 x Total Delay
Period:
PERIN = 3.0 x Total Delay
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
10K
470
5pf
Device
Under
Test
Digital
Scope
OUT1
OUT2
OUT4
OUT3
OUT
TRIG
IN
REF
TRIG
Figure 2: Test Setup
DEVICE UNDER
TEST (DUT)
DIGITAL SCOPE/
TIME INTERVAL COUNTER
PULSE
GENERATOR
COMPUTER
SYSTEM
PRINTER
IN
OUT5
Figure 3: Timing Diagram
tPLH
tPHL
PERIN
PWIN
tRISE
tFALL
0.6V
0.6V
1.5V
1.5V
2.4V
2.4V
1.5V
1.5V
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL


Similar Part No. - 3D3215

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3215 DATADELAY-3D3215 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
3D3215M-1.5 DATADELAY-3D3215M-1.5 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
3D3215M-10 DATADELAY-3D3215M-10 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
3D3215M-12 DATADELAY-3D3215M-12 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
3D3215M-15 DATADELAY-3D3215M-15 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
More results

Similar Description - 3D3215

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3215 DATADELAY-3D3215 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D7205 DATADELAY-3D7205 Datasheet
256Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
DDU8C3 DATADELAY-DDU8C3 Datasheet
45Kb / 4P
   5-TAP, 3.3V CMOS-INTERFACED FIXED DELAY LINE
3D3225 DATADELAY-3D3225 Datasheet
241Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D3225)
3D7225 DATADELAY-3D7225 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7225)
3D7105 DATADELAY-3D7105 Datasheet
42Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
3D7215 DATADELAY-3D7215 Datasheet
247Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7215 - LOW NOISE)
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com