Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D7303M-25 Datasheet(PDF) 4 Page - Data Delay Devices, Inc.

Part # 3D7303M-25
Description  MONOLITHIC TRIPLE FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7303M-25 Datasheet(HTML) 4 Page - Data Delay Devices, Inc.

  3D7303M-25 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7303M-25 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7303M-25 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7303M-25 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3D7303
Doc #96001
DATA DELAY DEVICES, INC.
4
12/2/96
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
SILICON DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC
± 3oC
Rload:
10K
Ω ± 10%
Supply Voltage (Vcc): 5.0V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
High = 3.0V
± 0.1V
Threshold:
1.5V (Rising & Falling)
Low = 0.0V
± 0.1V
Source Impedance:
50
Ω Max.
Rise/Fall Time:
3.0 ns Max. (measured
between 0.6V and 2.4V )
Pulse Width:
PWIN = 1.25 x Total Delay
Period:
PERIN = 2.5 x Total Delay
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
10K
470
5pf
Device
Under
Test
Digital
Scope
OUT1
OUT2
OUT3
OUT
TRIG
IN
REF
TRIG
Figure 2: Test Setup
DEVICE UNDER
TEST (DUT)
DIGITAL SCOPE/
TIME INTERVAL COUNTER
PULSE
GENERATOR
COMPUTER
SYSTEM
PRINTER
IN3
IN2
IN1
Figure 3: Timing Diagram
tPLH
tPHL
PERIN
PWIN
tRISE
tFALL
0.6V
0.6V
1.5V
1.5V
2.4V
2.4V
1.5V
1.5V
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL


Similar Part No. - 3D7303M-25

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7304 DATADELAY-3D7304 Datasheet
39Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D7304-10 DATADELAY-3D7304-10 Datasheet
39Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D7304-100 DATADELAY-3D7304-100 Datasheet
39Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D7304-15 DATADELAY-3D7304-15 Datasheet
39Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D7304-20 DATADELAY-3D7304-20 Datasheet
39Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
More results

Similar Description - 3D7303M-25

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3323 DATADELAY-3D3323 Datasheet
241Kb / 4P
   MONOLITHIC TRIPLE FIXED DELAY LINE
3D7323 DATADELAY-3D7323 Datasheet
256Kb / 4P
   MONOLITHIC TRIPLE FIXED DELAY LINE
3D7324 DATADELAY-3D7324 Datasheet
257Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D3324 DATADELAY-3D3324 Datasheet
243Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D7304 DATADELAY-3D7304 Datasheet
39Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D7205 DATADELAY-3D7205 Datasheet
256Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D3314 DATADELAY-3D3314 Datasheet
246Kb / 5P
   MONOLITHIC QUAD FIXED DELAY LINE (SERIES 3D3314)
3D7314 DATADELAY-3D7314 Datasheet
253Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE (SERIES 3D7314)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com