Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5118165DSL Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM5118165DSL
Description  1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5118165DSL Datasheet(HTML) 5 Page - OKI electronic componets

  MSM5118165DSL Datasheet HTML 1Page - OKI electronic componets MSM5118165DSL Datasheet HTML 2Page - OKI electronic componets MSM5118165DSL Datasheet HTML 3Page - OKI electronic componets MSM5118165DSL Datasheet HTML 4Page - OKI electronic componets MSM5118165DSL Datasheet HTML 5Page - OKI electronic componets MSM5118165DSL Datasheet HTML 6Page - OKI electronic componets MSM5118165DSL Datasheet HTML 7Page - OKI electronic componets MSM5118165DSL Datasheet HTML 8Page - OKI electronic componets MSM5118165DSL Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/17
¡ Semiconductor
MSM5118165D/DSL
DC Characteristics
Parameter
Symbol
Condition
MSM5118165
D/DSL-50
MSM5118165
D/DSL-60
MSM5118165
D/DSL-70
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
IOH = –5.0 mA
Output High Voltage
IOL = 4.2 mA
Output Low Voltage
0 V £ VI £ 6.5 V;
All other pins not
Input Leakage Current
under test = 0 V
DQ disable
Output Leakage Current
0 V £ VO £ VCC
RAS, CAS cycling,
Average Power
tRC = Min.
Supply Current
(Operating)
RAS, CAS = VIH
Power Supply
RAS, CAS
Current (Standby)
RAS cycling,
Average Power
CAS = VIH,
Supply Current
tRC = Min.
(
RAS-only Refresh)
RAS = VIH,
Power Supply
CAS = VIL,
Current (Standby)
DQ = enable
Average Power
CAS before RAS
Supply Current
(
CAS before RAS Refresh)
Average Power
RAS £ 0.2 V,
Supply Current
CAS £ 0.2 V
(
CAS before RAS
VOH
VOL
ILI
ILO
ICC1
ICC2
ICC3
ICC5
ICC6
ICCS
≥ VCC –0.2 V
Min.
Max.
Min.
Max.
Min.
Max.
Unit Note
RAS cycling,
2.4
0
–10
–10
VCC
0.4
10
10
135
2
1
135
135
300
5
2.4
0
–10
–10
VCC
0.4
10
10
125
2
1
125
125
300
5
2.4
0
–10
–10
VCC
0.4
10
10
115
2
1
115
115
300
5
200
200
200
V
V
mA
mA
mA
mA
mA
mA
mA
mA
1, 2
1, 2
1, 2
1, 5
1
1
mA
1, 5
tRC = 125 ms,
Average Power
CAS before RAS,
Supply Current
tRAS £ 1 ms
(Battery Backup)
ICC10
300
300
300
mA
1, 4,
RAS = VIL,
Average Power
CAS cycling,
Supply Current
tHPC = Min.
(Fast Page Mode)
ICC7
135
125
115
mA
1, 3
5
Self-Refresh)
Notes : 1. ICC Max. is specified as ICC for output open condition.
2. The address can be changed once or less while RAS = VIL.
3. The address can be changed once or less while CAS = VIH.
4. VCC – 0.2 V £ VIH £ VCC + 0.5 V, –0.5 V £ VIL £ 0.2 V.
5. SL version.


Similar Part No. - MSM5118165DSL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5118165A OKI-MSM5118165A Datasheet
629Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165B OKI-MSM5118165B Datasheet
255Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165F OKI-MSM5118165F Datasheet
178Kb / 15P
   1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM5118165DSL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V18165D OKI-MSM51V18165D Datasheet
344Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165A OKI-MSM51V18165A Datasheet
1Mb / 15P
   1,048,576-Word x 16-Bit DYNAMIC RAM :FAST PAGE MODE TYPE WITH EDO
MSM5118165B OKI-MSM5118165B Datasheet
255Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116165D OKI-MSM5116165D Datasheet
285Kb / 18P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16165A OKI-MSM51V16165A Datasheet
626Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16165D OKI-MSM51V16165D Datasheet
265Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165B OKI-MSM51V18165B Datasheet
105Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165A OKI-MSM5118165A Datasheet
629Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165F OKI-MSM51V18165F Datasheet
191Kb / 15P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16165F OKI-MSM51V16165F Datasheet
234Kb / 16P
   1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com