Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM514212 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM514212
Description  5,048-Word x 8-Bit Line Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514212 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM514212 Datasheet HTML 3Page - OKI electronic componets MSM514212 Datasheet HTML 4Page - OKI electronic componets MSM514212 Datasheet HTML 5Page - OKI electronic componets MSM514212 Datasheet HTML 6Page - OKI electronic componets MSM514212 Datasheet HTML 7Page - OKI electronic componets MSM514212 Datasheet HTML 8Page - OKI electronic componets MSM514212 Datasheet HTML 9Page - OKI electronic componets MSM514212 Datasheet HTML 10Page - OKI electronic componets MSM514212 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
¡ Semiconductor
MSM514212
SIGNAL DESCRIPTIONS
Data Inputs (DIN0 - DIN7)
Data on these inputs is shifted in on the rising edge of WCK while WE is held at a low level. The
data setup and hold times tDS and tDH are referenced to the rising edge of WCK.
Data Outputs (DOUT0 - DOUT7)
Data is shifted out on these outputs during the rising edge of RCK while RE is held at a low level.
The data becomes valid after the access time interval tAC which begins at the rising edge of RCK.
Write Address Pointer Reset (WR)
If WR is brought to a low level, the next rising edge of WCK resets the write address pointer to
the first address location. The write address pointer is automatically reset when the last address
location (5048) is clocked. The WR setup, and hold times tRS and tRH are referenced to the rising
edge of WCK. Each write operation, which begins after WR, must contain at least 18 active write
cycles, i.e. WCK cycles while WE is high.
Read Address Pointer Reset (RR)
If RR is brought to a low level, the next rising edge of RCK resets the read address pointer to the
first address location. The read address pointer is automatically reset when the last address
location (5048) is clocked. The RR setup, and hold times tRS and tRH are referenced to the rising
edge of WCK. Each read operation, which begins after RR, must contain at least 18 active read
cycles, i.e. RCK cycles while RE is high.
Write Enable (WE)
This pin is used as a gating function for the WCK input. If WE is held low, normal write cycles
can occur. If WE is brought to a high level before the next rising edge of WCK, all subsequent
write cycles will be inhibited, and the write address pointer remains unchanged. The WE setup
and hold times tWES and tWEH are referenced to the rising edge of WCK.
Read Enable (RE)
This pin is used as a gating function for the RCK input. If RE is brought to a high level before the
next rising edge of RCK, all subsequent read cycles are inhibited, and the read address pointer
remains unchanged. The data outputs will tri-state after the output buffer turn off delay time tHZ,
which begins at the rising edge of RCK. After the disabled cycles are completed, and the RE signal
is brought back to a low level, the data output buffers are re-enabled by the next rising edge of
RCK. The RE setup, and hold times tRES and tREH are referenced to the rising edge of RCK.
Write Clock (WCK)
The rising edge of the WCK input latches the data into the internal registers, and also increments
the write address pointer when WE is held low.
Read Clock (RCK)
The rising edge of the RCK input shifts out the data from the internal registers and increments
the read address pointer when RE is held low.


Similar Part No. - MSM514212

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514221B-30JS OKI-MSM514221B-30JS Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514221B-30RS OKI-MSM514221B-30RS Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514221B-30ZS OKI-MSM514221B-30ZS Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514221B-40JS OKI-MSM514221B-40JS Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
More results

Similar Description - MSM514212

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
logo
Hitachi Semiconductor
HM530281R HITACHI-HM530281R Datasheet
311Kb / 47P
   331,776-word x 8-bit Frame Memory
logo
OKI electronic componet...
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
logo
Hitachi Semiconductor
HM530281 HITACHI-HM530281 Datasheet
1Mb / 39P
   331,776 WORD X 8 BIT FRAME MEMORY
logo
OKI electronic componet...
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
logo
Hitachi Semiconductor
HN29WT800 HITACHI-HN29WT800 Datasheet
180Kb / 37P
   1048576-word x 8-bit / 524288-word x 16-bit CMOS Flash Memory
logo
Mitsubishi Electric Sem...
M66280FP MITSUBISHI-M66280FP Datasheet
111Kb / 12P
   5120 x 8-BIT LINE MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com