Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6413GTS500 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6413GTS500
Description  Fixed-Point Digital Signal Processors
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6413GTS500 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320C6413GTS500 Datasheet HTML 7Page - Texas Instruments TMS320C6413GTS500 Datasheet HTML 8Page - Texas Instruments TMS320C6413GTS500 Datasheet HTML 9Page - Texas Instruments TMS320C6413GTS500 Datasheet HTML 10Page - Texas Instruments TMS320C6413GTS500 Datasheet HTML 11Page - Texas Instruments TMS320C6413GTS500 Datasheet HTML 12Page - Texas Instruments TMS320C6413GTS500 Datasheet HTML 13Page - Texas Instruments TMS320C6413GTS500 Datasheet HTML 14Page - Texas Instruments TMS320C6413GTS500 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 140 page
background image
Features
11
April 2004 − Revised May 2005
SPRS247E
1
Features
D High-Performance Fixed-Point Digital
Signal Processor (TMS320C6413/C6410)
− TMS320C6413
− 2-ns Instruction Cycle Time
− 500-MHz Clock Rate
− 4000 MIPS
− TMS320C6410
− 2.5-ns Instruction Cycle Time
− 400-MHz Clock Rate
− 3200 MIPS
− Eight 32-Bit Instructions/Cycle
− Fully Software-Compatible With C64x™
− Extended Temperature Devices Available
D VelociTI.2™ Extensions to VelociTI™
Advanced Very-Long-Instruction-Word
(VLIW) TMS320C64x™ DSP Core
− Eight Highly Independent Functional
Units With VelociTI.2™ Extensions:
− Six ALUs (32-/40-Bit), Each Supports
Single 32-Bit, Dual 16-Bit, or Quad
8-Bit Arithmetic per Clock Cycle
− Two Multipliers Support
Four 16 x 16-Bit Multiplies
(32-Bit Results) per Clock Cycle or
Eight 8 x 8-Bit Multiplies
(16-Bit Results) per Clock Cycle
− Load-Store Architecture With
Non-Aligned Support
− 64 32-Bit General-Purpose Registers
− Instruction Packing Reduces Code Size
− All Instructions Conditional
D Instruction Set Features
− Byte-Addressable (8-/16-/32-/64-Bit Data)
− 8-Bit Overflow Protection
− Bit-Field Extract, Set, Clear
− Normalization, Saturation, Bit-Counting
− VelociTI.2™ Increased Orthogonality
D VelociTI.2™ Extensions to VelociTI™
Advanced Very-Long-Instruction-Word
(VLIW) TMS320C64x™ DSP Core
D L1/L2 Memory Architecture
− 128K-Bit (16K-Byte) L1P Program Cache
(Direct Mapped)
− 128K-Bit (16K-Byte) L1D Data Cache
(2-Way Set-Associative)
− 2M-Bit (256K-Byte) L2 Unified Mapped
RAM/Cache [C6413]
(Flexible RAM/Cache Allocation)
− 1M-Bit (128K-Byte) L2 Unified Mapped
RAM/Cache [C6410]
(Flexible RAM/Cache Allocation)
D Endianess: Little Endian, Big Endian
D 32-Bit External Memory Interface (EMIF)
− Glueless Interface to Asynchronous
Memories (SRAM and EPROM) and
Synchronous Memories (SDRAM,
SBSRAM, ZBT SRAM, and FIFO)
− 1024M-Byte Total Addressable External
Memory Space
D Enhanced Direct-Memory-Access (EDMA)
Controller (64 Independent Channels)
D Host-Port Interface (HPI) [32-/16-Bit]
D Two Multichannel Audio Serial Ports
(McASPs) - with Six Serial Data Pins each
D Two Inter-Integrated Circuit (I2C) Buses
− Additional GPIO Capability
D Two Multichannel Buffered Serial Ports
D Three 32-Bit General-Purpose Timers
D Sixteen General-Purpose I/O (GPIO) Pins
D Flexible PLL Clock Generator
D On-Chip Fundamental Oscillator
D IEEE-1149.1 (JTAG)
Boundary-Scan-Compatible
D 288-Pin Ball Grid Array (BGA) Packages
(GTS and ZTS Suffixes), 1.0-mm Ball Pitch
D 0.13-µm/6-Level Cu Metal Process (CMOS)
D 3.3-V I/Os, 1.2-V Internal
VelociTI.2, VelociTI, and TMS320C64x are trademarks of Texas Instruments.
All trademarks are the property of their respective owners.
IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.


Similar Part No. - TMS320C6413GTS500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6413GTS500 TI-TMS320C6413GTS500 Datasheet
1Mb / 145P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6413GTS500 TI1-TMS320C6413GTS500 Datasheet
1Mb / 146P
[Old version datasheet]   Fixed-Point Digital Signal Processors
More results

Similar Description - TMS320C6413GTS500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com