Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400CMQ040 Datasheet(PDF) 1 Page - International Rectifier

Part # 400CMQ040
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

400CMQ040 Datasheet(HTML) 1 Page - International Rectifier

  400CMQ040 Datasheet HTML 1Page - International Rectifier 400CMQ040 Datasheet HTML 2Page - International Rectifier 400CMQ040 Datasheet HTML 3Page - International Rectifier 400CMQ040 Datasheet HTML 4Page - International Rectifier 400CMQ040 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
I
F(AV) Rectangular
400
A
waveform
V
RRM range
35 to 45
V
I
FSM
@ tp = 5 µs sine
29,000
A
V
F
@200Apk,T
J=125°C
0.52
V
(per leg)
T
J
range
-55to150
°C
Characteristics
400CMQ... Units
Major Ratings and Characteristics
Description/Features
The 400CMQ high current Schottky rectifier module series has
been optimized for very low forward voltage drop, with moderate
leakage. The proprietary barrier technology allows for reliable
operation up to 150 °C junction temperature. Typical applica-
tions are in switching power supplies, converters, free-wheeling
diodes, welding, and reverse battery protection.
150 °C T
J operation
Center tap module - Isolated Base
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Very low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
SCHOTTKY RECTIFIER
400 Amp
400CMQ... SERIES
1
Bulletin PD-20734 rev. B 08/01
TO-244AB Isolated
www.irf.com
Modified JEDEC
Outline TO-244AB Isolated
Dimensions in millimeters and (inches)
2
LUG
TERMINAL
ANODE 1
LUG
TERMINAL
ANODE 3
COMMON
CATHODE
ISOLATED BASE


Similar Part No. - 400CMQ040

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
400CMQ040 SMC-400CMQ040 Datasheet
210Kb / 4P
   SCHOTTKY RECTIFIER
400CMQ040 SMC-400CMQ040 Datasheet
210Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
More results

Similar Description - 400CMQ040

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com