Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400CMQ045 Datasheet(PDF) 2 Page - International Rectifier

Part # 400CMQ045
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

400CMQ045 Datasheet(HTML) 2 Page - International Rectifier

  400CMQ045 Datasheet HTML 1Page - International Rectifier 400CMQ045 Datasheet HTML 2Page - International Rectifier 400CMQ045 Datasheet HTML 3Page - International Rectifier 400CMQ045 Datasheet HTML 4Page - International Rectifier 400CMQ045 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
400CMQ... Series
2
Bulletin PD-20734 rev. B 08/01
www.irf.com
Part number
400CMQ035
400CMQ040
400CMQ045
V
R
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
Absolute Maximum Ratings
Parameters
400CMQ Units
Conditions
A
I
F(AV)
Max.AverageForward
(PerLeg)
200
A
50%dutycycle@T
C=78°C,rectangularwaveform
Current
*SeeFig.5
(PerDevice)
400
I
FSM
Max.PeakOneCycleNon-Repetitive
29,000
5µs Sineor3µsRect.pulse
SurgeCurrent (Per Leg) *SeeFig.7
3400
10msSineor6msRect.pulse
E
AS
Non-RepetitiveAvalancheEnergy
180
mJ
T
J = 25 °C, IAS = 40 Amps, L = 0.22 mH
(Per Leg)
I
AR
RepetitiveAvalancheCurrent
40
A
Currentdecayinglinearlytozeroin1µsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
(1) Pulse Width < 300µs, Duty Cycle <2%
T
J
Max.JunctionTemperatureRange
-55 to150
°C
Tstg
Max.StorageTemperatureRange
-55 to150
°C
R
thJC Max.ThermalResistanceJunction
0.4
°C/W DCoperation
*SeeFig.4
toCase (Per Leg)
R
thJC Max.ThermalResistanceJunction
0.2
°C/W DCoperation
toCase(Per Package)
R
thCS TypicalThermalResistance,Case
0.1
°C/W Mountingsurface,smoothandgreased
toHeatsink
wt
ApproximateWeight
79(2.80)
g(oz.)
T
MountingTorqueBase
Min.
40(35)
Max.
58(50)
MountingTorqueCenterHole
Typ.
17(15)
TerminalTorque
Min.
58(50)
Max.
86(75)
CaseStyle
TO-244AB isolated ModifiedJEDEC
Thermal-Mechanical Specifications
Parameters
400CMQ Units
Conditions
T
J =
25 °C
V
R = rated VR
Kg-cm
(Ibf-in)
Electrical Specifications
35
40
45
V
FM
Max. Forward Voltage Drop
0.57
V
@ 200A
(Per Leg) * See Fig. 1
(1)
0.73
V
@ 400A
0.52
V
@ 200A
0.68
V
@ 400A
I
RM
Max. Reverse Leakage Current
20
mA
TJ = 25 °C
(Per Leg) * See Fig. 2
(1)
800
mA
TJ = 125 °C
VF(TO) ThresholdVoltage
0.32
V
TJ = TJ max.
rt
Forward Slope Resistance
0.81
m
CT
Max. Junction Capacitance (Per Leg)
10,300
pF
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance (Per Leg)
5.0
nH
From top of terminal hole to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ µs (Rated VR)
VRMS Insulation Voltage
1000
V
Parameters
400CMQ Units
Conditions
T
J = 125 °C
Following any rated
load condition and with
rated V
RRM applied


Similar Part No. - 400CMQ045

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
400CMQ045 SMC-400CMQ045 Datasheet
210Kb / 4P
   SCHOTTKY RECTIFIER
400CMQ045 SMC-400CMQ045 Datasheet
210Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
More results

Similar Description - 400CMQ045

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com