Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4089B-PFN Datasheet(PDF) 8 Page - ATMEL Corporation

Part # U4089B-PFN
Description  Monolithic Integrated Feature Phone Circuit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4089B-PFN Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button U4089B-PFN Datasheet HTML 4Page - ATMEL Corporation U4089B-PFN Datasheet HTML 5Page - ATMEL Corporation U4089B-PFN Datasheet HTML 6Page - ATMEL Corporation U4089B-PFN Datasheet HTML 7Page - ATMEL Corporation U4089B-PFN Datasheet HTML 8Page - ATMEL Corporation U4089B-PFN Datasheet HTML 9Page - ATMEL Corporation U4089B-PFN Datasheet HTML 10Page - ATMEL Corporation U4089B-PFN Datasheet HTML 11Page - ATMEL Corporation U4089B-PFN Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
U4089B-P
4518A–CORD–05/02
A detailed diagram of the AFS (Acoustic Feedback Suppression) is given in Figure 8.
Receive and transmit signals are first processed by logarithmic rectifiers in order to pro-
duce the speech envelopes at TLDT and RLDT. After amplification, a decision is made
by the differential pair which direction should be transmitted.
The attenuation of the controlled amplifiers TXA and SAI is determined by the emitter
current IAT which is comprised of three parts:
I
ATAFS
sets maximum attenuation
I
ATGSA
decreases the attenuation when speaker amplifier gain is reduced
I
AGAFS
decreases the attenuation according to the loop-gain reduction caused
by the AGA function
I
AT = IATAFS - IATGSA - IAGAFS
∆G = I
AT × 0.67 dB/µA
Figure 9 illustrates the principal relationship between speaker amplifier gain (GSA) and
attenuation of AFS (ATAFS). Both parameters can be adjusted independently, but the
internal coupling between them has to be considered. The maximum GSA value to be
used is 36 dB. The shape of the characteristic is moved in the x-direction by adjusting
resistor RATAFS, thus changing ATAFS
m. T he actual val u e of the attenuatio n
(ATAFS
a), however, can be determined by reading the value which belongs to the actual
gain GSA
a. If the speaker amplifier gain is reduced, the attenuation of AFS is automati-
cally reduced by the same amount in order to achieve a constant loop gain. Zero
attenuation is set for speaker gains GSA
≥ GSA0 = 36 dB - ATAFS
m.
Figure 9. Reducing Speaker Amplifier Gain Results in an Equal Reduction of
AFS Attenuation
Operating Range of
Speaker Amplifier
The basic behavior is illustrated in Figure 10. Actual values of ILON/ILOFF vary slightly
with the adjustment of the DC characteristics and the selection of the internal line
impedance.
ATAFS (dB)
36 dB
ATAFS m
ATAFS a
GSAo
GSA a
GSA (dB)
not usable
RATAFS
RATAFS


Similar Part No. - U4089B-PFN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4089B-PFNG3Y ATMEL-U4089B-PFNG3Y Datasheet
650Kb / 26P
   Monolithic Integrated Feature Phone Circuit
U4089B-PFNY ATMEL-U4089B-PFNY Datasheet
650Kb / 26P
   Monolithic Integrated Feature Phone Circuit
More results

Similar Description - U4089B-PFN

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4092B TEMIC-U4092B Datasheet
652Kb / 32P
   Monolithic Integrated Feature Phone Circuit
logo
ATMEL Corporation
U209B ATMEL-U209B Datasheet
677Kb / 34P
   Monolithic Integrated Feature Phone Circuit
logo
TEMIC Semiconductors
U4090B TEMIC-U4090B Datasheet
677Kb / 34P
   Monolithic Integrated Feature Phone Circuit
logo
ATMEL Corporation
U4089B-P ATMEL-U4089B-P_05 Datasheet
650Kb / 26P
   Monolithic Integrated Feature Phone Circuit
U4090B-P ATMEL-U4090B-P Datasheet
615Kb / 35P
   Monolithic Integrated Feature Phone Circuit EMI Improved
logo
TEMIC Semiconductors
U3800BM TEMIC-U3800BM Datasheet
1Mb / 31P
   Multi Standard Feature Phone Integrated Circuit
U3810BM TEMIC-U3810BM Datasheet
497Kb / 31P
   Multi Standard Feature Phone Integrated Circuit
logo
Zarlink Semiconductor I...
MT9196 ZARLINK-MT9196 Datasheet
635Kb / 46P
   Integrated Digital Phone Circuit (IDPC)
logo
Motorola, Inc
TCA3386 MOTOROLA-TCA3386 Datasheet
48Kb / 1P
   Single chip feature phone IC
logo
List of Unclassifed Man...
U2531B ETC1-U2531B Datasheet
269Kb / 1P
   Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com