Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM514223B Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM514223B
Description  262,263-Word x 4-Bit Field Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514223B Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM514223B Datasheet HTML 5Page - OKI electronic componets MSM514223B Datasheet HTML 6Page - OKI electronic componets MSM514223B Datasheet HTML 7Page - OKI electronic componets MSM514223B Datasheet HTML 8Page - OKI electronic componets MSM514223B Datasheet HTML 9Page - OKI electronic componets MSM514223B Datasheet HTML 10Page - OKI electronic componets MSM514223B Datasheet HTML 11Page - OKI electronic componets MSM514223B Datasheet HTML 12Page - OKI electronic componets MSM514223B Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
¡ Semiconductor
MSM514223B
AC Characteristics
50
25
30
Parameter
Symbol
Unit
Access Time from SRCK
DOUT Hold Time from SRCK
DOUT Enable Time from SRCK
SWCK "H" Pulse Width
SWCK "L" Pulse Width
Input Data Setup Time
Input Data Hold Time
WE Enable Setup Time
WE Enable Hold Time
WE Disable Setup Time
WE Disable Hold Time
IE Enable Setup Time
IE Enable Hold Time
IE Disable Setup Time
IE Disable Hold Time
WE "H" Pulse Width
WE "L" Pulse Width
IE "H" Pulse Width
IE "L" Pulse Width
RSTW Setup Time
RSTW Hold Time
SRCK "H" Pulse Width
SRCK "L" Pulse Width
RE Enable Setup Time
RE Enable Hold Time
RE Disable Setup Time
RE Disable Hold Time
OE Enable Setup Time
OE Enable Hold Time
OE Disable Setup Time
OE Disable Hold Time
RE "H" Pulse Width
RE "L" Pulse Width
OE "H" Pulse Width
OE "L" Pulse Width
RSTR Setup Time
RSTR Hold Time
SWCK Cycle Time
SRCK Cycle Time
Transition Time (Rise and Fall)
tAC
tDDCK
tDECK
tWSWH
tWSWL
tDS
tDH
tWENS
tWENH
tWDSS
tWDSH
tIENS
tIENH
tIDSS
tIDSH
tWWEH
tWWEL
tWIEH
tWIEL
tRSTWS
tRSTWH
tWSRH
tWSRL
tRENS
tRENH
tRDSS
tRDSH
tOENS
tOENH
tODSS
tODSH
tWREH
tWREL
tWOEH
tWOEL
tRSTRS
tRSTRH
tSWC
tSRC
tT
Min.
Max.
6
6
12
12
5
6
0
5
0
5
0
5
0
5
5
5
5
5
0
10
12
12
0
5
0
5
0
5
0
5
5
5
5
5
0
10
30
30
3
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
MSM514223B-30
MSM514223B-60
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
25
25
30
6
6
17
17
5
6
0
5
0
5
0
5
0
5
10
10
10
10
0
10
17
17
0
5
0
5
0
5
0
5
10
10
10
10
0
10
60
60
3
Min.
Max.
30
25
30
MSM514223B-40
6
6
17
17
5
6
0
5
0
5
0
5
0
5
10
10
10
10
0
10
17
17
0
5
0
5
0
5
0
5
10
10
10
10
0
10
40
40
3
Min.
Max.


Similar Part No. - MSM514223B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514221B-30JS OKI-MSM514221B-30JS Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514221B-30RS OKI-MSM514221B-30RS Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514221B-30ZS OKI-MSM514221B-30ZS Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514221B-40JS OKI-MSM514221B-40JS Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
More results

Similar Description - MSM514223B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514222B OKI-MSM514222B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM51V4222C OKI-MSM51V4222C Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C OKI-MSM51V4221C Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4223C OKI-MSM51V4223C Datasheet
200Kb / 15P
   262,263-Word 횞 4-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com