Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40TPS Datasheet(PDF) 4 Page - International Rectifier

Part # 40TPS
Description  PHASE CONTROL SCR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40TPS Datasheet(HTML) 4 Page - International Rectifier

  40TPS Datasheet HTML 1Page - International Rectifier 40TPS Datasheet HTML 2Page - International Rectifier 40TPS Datasheet HTML 3Page - International Rectifier 40TPS Datasheet HTML 4Page - International Rectifier 40TPS Datasheet HTML 5Page - International Rectifier 40TPS Datasheet HTML 6Page - International Rectifier 40TPS Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
40TPS.. SAFE
IR Series
Bulletin I2107 rev. F 03/03
www.irf.com
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - On-state Power Loss Characteristics
Fig. 4 - On-state Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge
Current
Fig. 6 - Maximum Non-Repetitive Surge Current
70
80
90
100
110
120
130
0
102030
4050
60
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
40TPS.. Series
R
(DC) = 0.6 °C/ W
thJC
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
RMSLimit
Conduction Angle
Average On-state Current (A)
180°
120°
90°
60°
30°
40TPS.. Series
T = 125°C
J
0
10
20
30
40
50
60
70
80
0
102030
40
50
60
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average On-state Current (A)
40TPS.. Series
T = 125°C
J
250
300
350
400
450
500
550
1
10
100
Number Of Equal Amplitude Half Cycle Current Pulses(N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
40TPS.. Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
250
300
350
400
450
500
550
600
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
40TPS.. Series
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
70
80
90
100
110
120
130
010
20
30
40
30°
60°
90°
120°
180°
Conduction Angle
Average On-state Current (A)
40TPS.. Series
R
(DC) = 0.6 °C/ W
thJC


Similar Part No. - 40TPS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40TPS08 VISHAY-40TPS08 Datasheet
145Kb / 7P
   Phase Control SCR, 35 A
Revision: 12-Sep-08
40TPS08A VISHAY-40TPS08A Datasheet
145Kb / 7P
   Phase Control SCR, 35 A
Revision: 12-Sep-08
logo
Inchange Semiconductor ...
40TPS08A ISC-40TPS08A Datasheet
249Kb / 2P
   isc Thyristors
logo
Vishay Siliconix
40TPS08APBF VISHAY-40TPS08APBF Datasheet
191Kb / 8P
   Thyristor High Voltage, Phase Control SCR, 40 A
Revision: 02-Jun-15
40TPS08PBF VISHAY-40TPS08PBF Datasheet
191Kb / 8P
   Thyristor High Voltage, Phase Control SCR, 40 A
Revision: 02-Jun-15
More results

Similar Description - 40TPS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
   Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
   Phase Control SCR
logo
International Rectifier
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
   PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
   Phase Control SCR
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
   PHASE CONTROL SCR
logo
New Jersey Semi-Conduct...
2N3884 NJSEMI-2N3884 Datasheet
427Kb / 4P
   PHASE CONTROL SCR
logo
International Rectifier
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
   PHASE CONTROL SCR
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T7H8650A POWEREX-T7H8650A Datasheet
153Kb / 4P
   Phase Control SCR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com