Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40TPS Datasheet(PDF) 5 Page - International Rectifier

Part # 40TPS
Description  PHASE CONTROL SCR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40TPS Datasheet(HTML) 5 Page - International Rectifier

  40TPS Datasheet HTML 1Page - International Rectifier 40TPS Datasheet HTML 2Page - International Rectifier 40TPS Datasheet HTML 3Page - International Rectifier 40TPS Datasheet HTML 4Page - International Rectifier 40TPS Datasheet HTML 5Page - International Rectifier 40TPS Datasheet HTML 6Page - International Rectifier 40TPS Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
40TPS.. SAFE
IR Series
Bulletin I2107 rev. F 03/03
www.irf.com
Fig. 7 - On-state Voltage Drop Characteristics
Fig. 8 - GateCharacteristics
Fig. 9 - Thermal Impedance Z
thJC Characteristics
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
(b)
(a)
Rectangular gate pulse
(4) (3)
(2) (1)
(1) PGM = 100 W, tp = 500 µs
(2) PGM = 50 W, tp = 1 ms
(3) PGM = 20 W, tp = 25 ms
(4) PGM = 10 W, tp = 5 ms
InstantaneousGate Current (A)
a)Recommended load line for
b)Recommended load line for
VGD
IGD
Frequency Limited by PG(AV)
rated di/ dt: 20 V, 30 ohms
tr = 0.5 µs, tp >= 6 µs
<= 30%rated di/ dt: 20 V, 65 ohms
tr = 1 µs, tp >= 6 µs
40TPS..
1
10
100
0.5
1
1.5
2
T = 25°C
Instantaneous On-state Voltage (V)
T = 125°C
J
40TPS.. Series
J
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
Square Wave Pulse Duration (s)
Steady State Value
(DC Opera tion)
Single Pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
40TPS.. Series


Similar Part No. - 40TPS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40TPS08 VISHAY-40TPS08 Datasheet
145Kb / 7P
   Phase Control SCR, 35 A
Revision: 12-Sep-08
40TPS08A VISHAY-40TPS08A Datasheet
145Kb / 7P
   Phase Control SCR, 35 A
Revision: 12-Sep-08
logo
Inchange Semiconductor ...
40TPS08A ISC-40TPS08A Datasheet
249Kb / 2P
   isc Thyristors
logo
Vishay Siliconix
40TPS08APBF VISHAY-40TPS08APBF Datasheet
191Kb / 8P
   Thyristor High Voltage, Phase Control SCR, 40 A
Revision: 02-Jun-15
40TPS08PBF VISHAY-40TPS08PBF Datasheet
191Kb / 8P
   Thyristor High Voltage, Phase Control SCR, 40 A
Revision: 02-Jun-15
More results

Similar Description - 40TPS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
   Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
   Phase Control SCR
logo
International Rectifier
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
   PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
   Phase Control SCR
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
   PHASE CONTROL SCR
logo
New Jersey Semi-Conduct...
2N3884 NJSEMI-2N3884 Datasheet
427Kb / 4P
   PHASE CONTROL SCR
logo
International Rectifier
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
   PHASE CONTROL SCR
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T7H8650A POWEREX-T7H8650A Datasheet
153Kb / 4P
   Phase Control SCR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com