Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11A4 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # H11A4
Description  Industry Standard Single Channel 6 Pin DIP Optocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

H11A4 Datasheet(HTML) 6 Page - Infineon Technologies AG

  H11A4 Datasheet HTML 1Page - Infineon Technologies AG H11A4 Datasheet HTML 2Page - Infineon Technologies AG H11A4 Datasheet HTML 3Page - Infineon Technologies AG H11A4 Datasheet HTML 4Page - Infineon Technologies AG H11A4 Datasheet HTML 5Page - Infineon Technologies AG H11A4 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
 2001 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
Phototransistor, Industry Standard
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
2–58
March 27, 2000-00
Figure 7. Collector-emitter Leakage Current vs. Temp.
Figure 8. Normalized CTRcb vs. LED Current and Temp.
Figure 9. Normalized Photocurrent vs. IF and Temp.
100
80
60
40
20
0
–20
10
10
10
10
10
10
10
10
–2
–1
0
1
2
3
4
5
TA - Ambient Temperature - °C
Typical
Vce = 10 V
Normalized to:
0.0
0.5
1.0
1.5
25
°C
50
°C
70
°C
IF - LED Current - mA
.1
1
10
100
Vcb=9.3 V, IF=10 mA, TA=25
°C
Normalized to:
0.01
0.1
1
10
IF - LED Current - mA
.1
1
10
100
IF=10 mA, TA=25
°C
Nib, TA=–20
°C
Nib, TA=25
°C
Nib, TA= 50
°C
Nib, TA=70
°C
Figure 10. Normalized Non-saturated HFE vs. Base
Current and Temperature
Figure 11. Normalized HFE vs. Base Current and Temp.
Figure 12. Propagation Delay vs. Collector Load Resistor
Normalized to:
0.4
0.6
0.8
1.0
1.2
Ib - Base Current -
µA
1
10
100
1000
Ib=20
µA, Vce=10 V, TA=25°C
25
°C
50
°C
70
°C
–20
°C
0.0
0.5
1.0
1.5
25
°C
–20
°C
50
°C
70
°C
1
10
100
1000
Vce=10 V, Ib=20
µA
TA=25
°C
Vce=0.4 V
Ib - Base Current -
µA
Normalized to:
1
10
100
1000
RL - Collector Load Resistor - k
2.5
2.0
1.5
1.0
.1
1
10
100
IF=10 mA, TA=25
°C
VCC=5.0 V, Vth=1.5 V
tPLH
tPHL
Figure 13. Switching Timing
I
F
tR
=1.5 V
V
O
tD
tS
tF
tPHL
tPLH
VTH
Figure 14. Switching Schematic
VCC = 5.0 V
F=10 KHz,
DF=50%
R L
VO
IF=10 mA


Similar Part No. - H11A4

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11A4 QT-H11A4 Datasheet
325Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11A4 FAIRCHILD-H11A4 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A4 FAIRCHILD-H11A4 Datasheet
608Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
H11A4 ROHM-H11A4 Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11A4 FAIRCHILD-H11A4 Datasheet
210Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - H11A4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_06 Datasheet
669Kb / 9P
   6-Pin DIP Optocoupler
logo
List of Unclassifed Man...
CNY17-1 ETC2-CNY17-1 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC2-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
H11L3M FAIRCHILD-H11L3M_09 Datasheet
255Kb / 10P
   H11L1M, H11L2M, H11L3M 6-Pin DIP Optocoupler
logo
ON Semiconductor
H11N1M ONSEMI-H11N1M Datasheet
225Kb / 8P
   6-Pin DIP Schmitt Trigger Output Optocoupler
April, 2019 ??Rev. 3
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
H11L1M ONSEMI-H11L1M Datasheet
340Kb / 9P
   6-Pin DIP Schmitt Trigger Output Optocoupler
June, 2020 ??Rev. 3
MOC3071M ONSEMI-MOC3071M Datasheet
519Kb / 15P
   6-Pin DIP Random-Phase Triac Driver Optocoupler
November 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com